Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXIOM75 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM75
Description  OCXO with Sine Wave Output, Low Phase Noise
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM75 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM75 Datasheet HTML 1Page - Advanced XTAL Products AXIOM75 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXIOM75
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM75
Issue: 01
Date: 2007-05-14
Oscillator type :
OCXO with Sine Wave Output, Low Phase Noise
Parameter
min.
typ.
max.
Unit
Condition
Frequency Range
10
120
Standard frequencies
10.000 / 12.800 / 100.000
MHz
Frequency stability
Initial tolerance at delivery
± 500
ppb
@+25°C @VC = 2.5 V
vs. temperature in operating
temperature range
± 200
± 100
± 50
± 25
± 10
ppb
ppb
ppb
ppb
ppb
Option II = “200”
Option II = “100”
Option II = “50”
Option II = “25”
Option II = “10”
operating temperature range
-10
+60
°C
vs. supply voltage variation
± 10
ppb
VS ± 5%
vs. load change
± 5
ppb
RL ± 5%
Long term (aging) per day,
after 30 days operation
± 5
± 1
± 10
± 2
ppb
ppb
Option II=“200”, “100”
Option II=“50”,“25”,”10”
long term (aging) 1
st year,
after 30 days operation
± 200
± 100
ppb
ppb
Option II=“200”, “100”
Option II=“50”,“25”,”10”
Frequency adjustment range
Electronic Frequency Control (EFC)
range
± 3
± 0.8
± 1
ppm
ppm
Option II= “200”, “100”
Option II=“50”,“25”,”10”
EFC voltage VC
0.25
4.75
V
EFC slope (
∆f / ∆V
C)
positive
EFC input impedance
100
k
Ω
RF output
Signal waveform
Sine wave
RL = 50 Ω
Output level
+ 7
dBm
Harmonics
-30
dBc
Spurious
-90
dBc
Warm-up time
5
min
∆f
final/f0 < ±0.1 ppm
Phase noise @ 10.000 MHz
-140
-150
-155
-160
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
@ 100 Hz
@ 1kHz
@ 10 kHz
@ 100 kHz
Supply voltage VS
4.75
11.4
5.0
12
5.25
12.6
V
V
Option I = “50”
Option I = “12”
Current consumption (steady state)
@ +25°C
250
100
mA
mA
Option I = “50”
Option I = “12”
Current consumption (warm-up)
600
250
mAmA Option I = “50”
Option I = “12”
Operable temperature range
-20
+70
°C
Storage temperature range
-40
+85
°C
Enclosure (see drawing)
25.8x25.8x13.5 max.
mm
Weight
10
gram
Packing
Palette
ESD Sensitivity
1500
V
HBM as in IEC 61000-4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
Ordering Code:
Model (Specification)
Option I Option II
Frequency [MHz]
AXIOM75
12
25
10.000


Similar Part No. - AXIOM75

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM75-11 AXTAL-AXIOM75-11 Datasheet
93Kb / 2P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75-25 AXTAL-AXIOM75-25 Datasheet
94Kb / 2P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75-27 AXTAL-AXIOM75-27 Datasheet
121Kb / 3P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75LG AXTAL-AXIOM75LG Datasheet
132Kb / 4P
Ultra-Low Phase Noise OCXO with Low G-Sensitivity
AXIOM75RH AXTAL-AXIOM75RH Datasheet
328Kb / 16P
Ultra-Low Phase Noise Miniature-OCXO for Space Application Standard frequencies 10 MHz and 100 MHz
More results

Similar Description - AXIOM75

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM175ULN AXTAL-AXIOM175ULN Datasheet
121Kb / 4P
Ultra-Low Phase Noise OCXO with Sine Wave Output
AXIOM2520-11 AXTAL-AXIOM2520-11 Datasheet
103Kb / 2P
Low Phase Noise OCXO with Sine Wave Output
2014-07-09
AXIOM15-23 AXTAL-AXIOM15-23 Datasheet
101Kb / 3P
Low Phase Noise SMD OCXO with Sine Wave Output
2014-07-09
AXIOM35LN AXTAL-AXIOM35LN Datasheet
120Kb / 4P
Low Phase Noise Miniature OCXO with Sine Wave Output
AXIOM55 AXTAL-AXIOM55 Datasheet
115Kb / 4P
Low Phase Noise VHF OCXO with Sine Wave Output
AXIOM55LN AXTAL-AXIOM55LN Datasheet
117Kb / 4P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75-11 AXTAL-AXIOM75-11 Datasheet
93Kb / 2P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75-25 AXTAL-AXIOM75-25 Datasheet
94Kb / 2P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75-27 AXTAL-AXIOM75-27 Datasheet
121Kb / 3P
Low Phase Noise OCXO with Sine Wave Output
AXIOM130LN AXTAL-AXIOM130LN Datasheet
116Kb / 4P
Low Phase Noise OCXO with Sine Wave Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com