Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP70H06NF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP70H06NF
Description  60V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP70H06NF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP70H06NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP70H06NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP70H06NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP70H06NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP70H06NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP70H06NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP70H06NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP70H06NF
60V N-Channel Enhancement Mode MOSFET
AP70H06NF RVE1.0
永源微電子科技有限公司
Description
The AP70H06NF uses advanced APM-SGTⅠtechnology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 60V ID =70A
RDS(ON) < 10mΩ @ VGS=10V (Type:7.5mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP70H06NF
PDFN5*6-8L
AP70H06NF XXX YYYY
5000
Absolute Maximum Ratings@Tj=25oC(unless otherwise specified)
Symbol
Parameter
Value
Unit
VDS
Drain source voltage
60
V
VGS
Gate source voltage
±20
V
ID@TA=25
℃
Continuous drain current
70
A
ID@TA=70
℃
Continuous drain current
45
A
IDM
Pulsed drain current
280
A
PD@TA=25
℃
Power dissipation
60
W
EAS
Single pulsed avalanche energy
30
mJ
TSTG
Storage Temperature Range
-55 to 150
℃
Tj
Operation and storage temperature
-55 to 150
℃
RθJC
Thermal resistance, junction-case
2.1
°C/W
RθJA
Thermal resistance, junction-ambient5)
25
°C/W


Similar Part No. - AP70H06NF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP70H06HNF APME-AP70H06HNF Datasheet
850Kb / 7P
65V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP70H06NF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
60V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com