Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP70N02D Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP70N02D
Description  20V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP70N02D Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP70N02D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP70N02D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP70N02D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP70N02D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP70N02D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP70N02D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP70N02D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP70N02D
20V N-Channel Enhancement Mode MOSFET
AP70N02D REV1.0
永源微電子科技有限公司
Electrical Characteristics (TC=25℃unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
ID = 250µA, VGS = 0V
20
21
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 20V, VGS = 0V
-
-
1.0
µA
IGSS
Gate-Body Leakage Current
VDS = 0V, VGS = ±12V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250µA
0.5
0.8
1.1
V
RDS(ON)
Static Drain-Source ON
VGS = 4.5V, ID = 30A
-
3.1
4.0
mΩ
VGS = 2.5V, ID = 20A
-
3.9
5.0
mΩ
Ciss
Input Capacitance
VGS=0V, VDS=10V, f=1MHz
-
3174
-
pF
Coss
Output Capacitance
-
396
-
pF
Crss
Reverse Transfer Capacitance
-
365
-
pF
Qg
Total Gate Charge
VGS=0 to 4.5V VDD=10V,
ID=30A
-
36
-
nC
Qgs
Gate Source Charge
-
6
-
nC
Qgd
Gate Drain("Miller") Charge
-
10
-
nC
td(on)
Turn-On DelayTime
VGS = 4.5V, VDD = 10V
ID= 30A, RGEN = 3Ω
-
13
-
ns
tr
Turn-On Rise Time
-
31
-
ns
td(off)
Turn-Off DelayTime
-
73
-
ns
tf
Turn-Off Fall Time
-
92
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
70
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
300
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, IS = 30A
-
-
1.2
V
trr
Body Diode Reverse Recovery Time
IF=20A,di/dt=100A/μs
-
13
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
4
-
nC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width .The EAS data shows Max. rating .
3、The EAS condition: TJ=25℃, VDD=16V, VG=4.5V, RG=25Ω, L=0.1mH, IAS=38A
4、The power dissipation is limited by 175℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com