Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP70N12NF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP70N12NF
Description  120V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP70N12NF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP70N12NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP70N12NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP70N12NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP70N12NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP70N12NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP70N12NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP70N12NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP70N12NF
120V N-Channel Enhancement Mode MOSFET
AP70N12NF RVE1.0
永源微電子科技有限公司
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP70N12NF
PDFN5*6-8L
AP70N12NF XXXX YYYY
5000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDS
Drain source voltage
120
V
VGS
Gate source voltage
±20
V
ID@TA=25℃
Continuous drain current1), TC=25 ℃
70
A
ID@TA=70℃
Continuous drain current1), TC=75 ℃
35
A
ID, pulse
Pulsed drain current2), TC=25 ℃
150
A
PD
Power dissipation3), TC=25 ℃
140
W
EAS
Single pulsed avalanche energy4)
53.8
mJ
Tstg,Tj
Operation and storage temperature
-55 to 150
℃
RθJC
Thermal resistance, junction-case
0.89
℃
/W
RθJA
Thermal resistance, junction-ambient5)
25
℃
/W
Description
The AP70N12NF uses advanced SGT II technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a
Battery protection or in other Switching application.
General Features
VDS = 120V ID =70A
RDS(ON) < 13mΩ @ VGS=10V (Type:10mΩ)
Application
Mobile phone fast charging
Brushless motor
Home appliance control board


Similar Part No. - AP70N12NF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP70N12D APME-AP70N12D Datasheet
1Mb / 6P
120V N-Channel Enhancement Mode MOSFET
AP70N12HD APME-AP70N12HD Datasheet
971Kb / 7P
120V N-Channel Enhancement Mode MOSFET
AP70N12HNF APME-AP70N12HNF Datasheet
1Mb / 7P
120V N-Channel Enhancement Mode MOSFET
AP70N12P APME-AP70N12P Datasheet
1Mb / 7P
120V N-Channel Enhancement Mode MOSFET
AP70N12PT APME-AP70N12PT Datasheet
1Mb / 7P
120V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP70N12NF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP32N12V2 FAIRCHILD-FQP32N12V2 Datasheet
857Kb / 10P
120V N-Channel MOSFET
FQB32N12V2 FAIRCHILD-FQB32N12V2 Datasheet
649Kb / 9P
120V N-Channel MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
GOOD-ARK Electronics
SSS1206 GOOD-ARK-SSS1206 Datasheet
1Mb / 7P
120V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com