Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXLE20-12 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE20-12
Description  VHF TCXO, low noise
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE20-12 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE20-12 Datasheet HTML 1Page - Advanced XTAL Products AXLE20-12 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXLE20-12
www.AXTAL.com
Wasemweg 8
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXLE20-12
Issue: 03
Date: 2005-07-15
Oscillator type :
VHF TCXO, low noise
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
MHz
Standard frequencies
100
MHz
Other frequencies on
request
Frequency stability
ppm
Initial tolerance
± 2
ppm
@+25°C
vs. temperature in operating
temperature range (steady state)
-3,0
3,0
ppm
Operating temperature range
0
60
°C
vs. supply voltage variation
± 0,1
ppm
vs. load change
± 0,1
ppm
long term (aging) per year
± 1
ppm
@ +40°C
Frequency adjustment range
Mechanical (internal trimmer)
ppm
N.A.
Electronic Frequency Control (EFC)
± 5
ppm
EFC voltage VC
0,3
1,65
3,0
V
EFC slope (
∆f / ∆V
C)
positive
EFC linearity
%
EFC input impedance
100
k
Ω
Absolute pull range (APR) over
10 years, see Note 2
ppm
ppm
RF output
Signal waveform
HCMOS
Load
10 pF
Start-up time
4
ms
Phase noise
-135
dBc
@ 10 kHz
Supply voltage VS
3,15
3,3
3,45
V
Current consumption (steady state)
25
mA
@ +25°C
Enable/disable function
Operable temperature range
-40
+85
°C
Storage temperature range
-40
+85
°C
Enclosure (see drawing)
19.1x13.1x5 max
mm
IEC 61837 style CO 30
Weight
5
gram
Packing
Tape & reel
IEC 60286-3
ESD Sensitivity
1500
V
HBM as IEC 61000-4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
2.
Overall frequency stability = initial tolerance + temp.stability + supply & load change + aging
Ordering Code:
Model (Specification)
Frequency [MHz]
AXLE20-12
100


Similar Part No. - AXLE20-12

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE20 AXTAL-AXLE20 Datasheet
70Kb / 2P
TCXO
2005-05-22
AXLE2000 AXTAL-AXLE2000 Datasheet
105Kb / 4P
SHF Low Phase Noise TCXO in Connectorized Package
AXLE207M AXTAL-AXLE207M Datasheet
113Kb / 4P
(VC)TCXO in DIL14 package
2014-04-06
AXLE208 AXTAL-AXLE208 Datasheet
51Kb / 2P
TCXO
2008-05-07
AXLE20S AXTAL-AXLE20S Datasheet
69Kb / 2P
TCXO with Stratum III long-term stability option
2005-05-22
More results

Similar Description - AXLE20-12

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM50 AXTAL-AXIOM50 Datasheet
92Kb / 2P
VHF OCXO - Ultra low noise
2008-01-25
logo
Maxim Integrated Produc...
MAX2664 MAXIM-MAX2664 Datasheet
1Mb / 13P
VHF/UHF Low-Noise Amplifiers
Rev 0; 8/10
logo
NIHON DEMPA KOGYO
OCXO9325D NDK-OCXO9325D Datasheet
147Kb / 2P
VHF LOW NOISE CRYSTAL OSCILLATORS
logo
EUROQUARTZ limited
T1177 EUROQUARTZ-T1177 Datasheet
76Kb / 1P
Very Rugged TCXO, Low Noise
T1185 EUROQUARTZ-T1185 Datasheet
75Kb / 1P
Very Rugged TCXO, Low Noise
logo
Golledge Electronics Lt...
GTXO-74 GOLLEDGE-GTXO-74 Datasheet
179Kb / 2P
SM (VC)TCXO Low Phase Noise
GTXO-C74 GOLLEDGE-GTXO-C74 Datasheet
178Kb / 2P
SM (VC)TCXO Low Phase Noise
logo
EUROQUARTZ limited
T1241 EUROQUARTZ-T1241 Datasheet
97Kb / 1P
Low Noise TCXO, Vibration Compensated
logo
Chengdu Xtaltq Technolo...
BT0914A XTAITQ-BT0914A Datasheet
545Kb / 3P
Low Phase Noise TCXO
logo
Toshiba Semiconductor
2SC2499 TOSHIBA-2SC2499 Datasheet
210Kb / 4P
VHF-UHF Low Noise Amplifier Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com