Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2003BDG Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # P2003BDG
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

P2003BDG Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  P2003BDG Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. P2003BDG Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. P2003BDG Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. P2003BDG Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. P2003BDG Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
REV 1.0
2
Sep-09-2009
N-Channel Logic Level Enhancement
Mode Field Effect Transistor
NIKO-SEM
P2003BDG
TO-252 (DPAK)
Halogen-Free & Lead-Free
VGS = 4.5V, ID = 10A
29
41
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 10V, ID = 15A
14
20
mΩ
Forward Transconductance
1
gfs
VDS = 5V, ID = 15A
19
S
DYNAMIC
Input Capacitance
Ciss
492
Output Capacitance
Coss
221
Reverse Transfer Capacitance
Crss
VGS = 0V, VDS = 15V, f = 1MHz
187
pF
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
1.5
Ω
Qg (VGS=10V)
14.7
Total Gate Charge
2
Qg(VGS=4.5V)
7.7
Gate-Source Charge
2
Qgs
2.3
Gate-Drain Charge
2
Qgd
VDS = 15V, ID = 15A
5.6
nC
Turn-On Delay Time
2
td(on)
10
Rise Time
2
tr
VDD = 15V
17
Turn-Off Delay Time
2
td(off)
ID  15A, VGS = 10V, RGS = 6Ω
34
Fall Time
2
tf
27
nS
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 °C)
Continuous Current
IS
25
A
Forward Voltage
1
VSD
IF = 15A, VGS = 0V
1.4
V
Reverse Recovery Time
trr
27
nS
Reverse Recovery Charge
Qrr
IF = 15A, dlF/dt = 100A / S
36
nC
1Pulse test : Pulse Width  300 sec, Duty Cycle  2%.
2Independent of operating temperature.
REMARK: THE PRODUCT MARKED WITH “P2003BDG”, DATE CODE or LOT #



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com