Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLS00548 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PLS00548
Description  Ground Loop Isolator 3.5mm Stereo Plug to Socket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PLS00548 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PLS00548 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
25/11/21
Ground Loop Isolator
3.5mm Stereo Plug to Socket
Newark.com/b/Pulse
Farnell.com/b/Pulse
sg.element14.com/b/pulse
Part Number Table
Description
Part Number
Ground Loop Isolator, 3.5mm Stereo Plug to Socket, 0.3m
PLS00548
Specifications
Input
: 1x 3.5mm stereo jack plug
Output
: 1x 3.5mm stereo jack socket
Input/Ouput Impedance : 600Ω
Frequency Range
: 0 - 0.5dB (input to output), 50Hz - 20kHz
Distortion
: <0.02% @ 1kHz, 0dBu
Dielectric
: 500V DC
Lead Length
: 0.3m
Features
• Ideal for connecting portable devices including smartphone, tablets and laptop to external sound gear
• In-line dual isolation transformer eliminates hum and other noise caused by ground loops, while providing protection to the
portable device
• Isolation transformer housed in a slim, in-line cylindrical metal enclosure
• Highly flexible cable is terminated with rugged molded connectors with strain reliefs
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. PULSE is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - PLS00548

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLS00519 ETC-PLS00519 Datasheet
141Kb / 1P
5 Pin MIDI DIN Plug with Metal Body and Rubber Strain Relief
V1.0 25/11/21
PLS00593 ETC-PLS00593 Datasheet
151Kb / 1P
Wheeled Laptop and Projector Floor Stand
V1.0 18/01/22
More results

Similar Description - PLS00548

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2050S TOSHIBA-TA2050S Datasheet
415Kb / 11P
GROUND ISOLATOR IC
logo
CUI INC
SP-3501 CUI-SP-3501 Datasheet
222Kb / 1P
3.5mm STEREO PLUG
logo
Switchcraft, Inc.
35HDBAU SWITCH-35HDBAU Datasheet
130Kb / 1P
3.5mm STEREO PLUG
logo
Assmann Electronics Inc...
AK243-2 ASSMANN-AK243-2 Datasheet
79Kb / 1P
3.5mm STEREO PLUG
logo
List of Unclassifed Man...
FC68131 ETC2-FC68131 Datasheet
188Kb / 1P
3.5mm STEREO PC JACK SOCKET
logo
Switchcraft, Inc.
35HR03684X SWITCH-35HR03684X Datasheet
92Kb / 2P
3.5MM STEREO TO S & T, RoHS
35HR07235X SWITCH-35HR07235X Datasheet
94Kb / 2P
3.5MM STEREO TO 3.5MM, RoHS
35HR14435X SWITCH-35HR14435X Datasheet
94Kb / 2P
3.5MM STEREO TO 3.5MM, RoHS
logo
Cynergy3 Co
SC420I CYNERGY3-SC420I Datasheet
58Kb / 1P
Loop Powered Isolator
logo
Amphenol Corporation
55010850-000-1 AMPHENOL-55010850-000-1 Datasheet
104Kb / 1P
3.5mm STEREO PHONE PLUG CUSTOMER DRAWING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com