Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM393F Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # LM393F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT DUAL COMPARATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

LM393F Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  LM393F Datasheet HTML 1Page - KEC(Korea Electronics) LM393F Datasheet HTML 2Page - KEC(Korea Electronics) LM393F Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2008. 2. 20
3/3
LM393F
Revision No : 0
Supply Voltage (V)
Supply Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Fig. 1 Supply Current vs Supply Voltage
40
30
20
10
0
Fig. 2 Input Current vs Supply Voltage
Ta=25 C
Ta=70 C
10
-2
10
-3
10
-2
10
-1
10
-1
10
1
10
1
1
1
10
2
Output Sink Current (mA)
Fig. 3 Output Saturation Voltage vs
Output Sink Current
R
L=
20
30
40
50
60
70
80
40
30
20
10
0
Ta=25 C
Ta=70 C
V
CM=0VDC
R
CM=1GΩ
-100
TIME (
µs)
Fig. 4 Reponse Time for Various Input Overdrive
Negative Transition
-0.4
0
0.4
0.8
1.6
1.2
0
0
4
8
2
6
Ta=25 C
Ta=25 C
Input Overdrive
50mV
20mV
5.0mV
0
TIME (
µs)
Fig. 5 Reponse Time for Various Input Overdrive
Positive Transition
-0.4
0
0.4
0.8
1.6
1.2
100
0
4
8
2
6
Ta=25 C
Input Overdrive
50mV
20mV
5.0mV
5V DC
VOUT
IN
V
-
+
5V DC
VOUT
IN
V
-
+



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com