Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3S6950 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # LM3S6950
Description  Microcontroller
PDF  524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S6950 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button LM3S6950 Datasheet HTML 17Page - List of Unclassifed Manufacturers LM3S6950 Datasheet HTML 18Page - List of Unclassifed Manufacturers LM3S6950 Datasheet HTML 19Page - List of Unclassifed Manufacturers LM3S6950 Datasheet HTML 20Page - List of Unclassifed Manufacturers LM3S6950 Datasheet HTML 21Page - List of Unclassifed Manufacturers LM3S6950 Datasheet HTML 22Page - List of Unclassifed Manufacturers LM3S6950 Datasheet HTML 23Page - List of Unclassifed Manufacturers LM3S6950 Datasheet HTML 24Page - List of Unclassifed Manufacturers LM3S6950 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 524 page
background image
1
Architectural Overview
The Luminary Micro Stellaris
® family of microcontrollers—the first ARM® Cortex™-M3 based
controllers—brings high-performance 32-bit computing to cost-sensitive embedded microcontroller
applications. These pioneering parts deliver customers 32-bit performance at a cost equivalent to
legacy 8- and 16-bit devices, all in a package with a small footprint.
The Stellaris
® family offers efficient performance and extensive integration, favorably positioning
the device into cost-conscious applications requiring significant control-processing and connectivity
capabilities. The Stellaris
® LM3S2000 series, designed for Controller Area Network (CAN)
applications, extends the Stellaris family with Bosch CAN networking technology, the golden standard
in short-haul industrial networks. The Stellaris
® LM3S2000 series also marks the first integration of
CAN capabilities with the revolutionary Cortex-M3 core. The Stellaris
® LM3S6000 series combines
both a 10/100 Ethernet Media Access Control (MAC) and Physical (PHY) layer, marking the first
time that integrated connectivity is available with an ARM Cortex-M3 MCU and the only integrated
10/100 Ethernet MAC and PHY available in an ARM architecture MCU.
The LM3S6950 microcontroller is targeted for industrial applications, including remote monitoring,
electronic point-of-sale machines, test and measurement equipment, network appliances and
switches, factory automation, HVAC and building control, gaming equipment, motion control, medical
instrumentation, and fire and security.
For applications requiring extreme conservation of power, the LM3S6950 microcontroller features
a Battery-backed Hibernation module to efficiently power down the LM3S6950 to a low-power state
during extended periods of inactivity. With a power-up/power-down sequencer, a continuous time
counter (RTC), a pair of match registers, an APB interface to the system bus, and dedicated
non-volatile memory, the Hibernation module positions the LM3S6950 microcontroller perfectly for
battery applications.
In addition, the LM3S6950 microcontroller offers the advantages of ARM's widely available
development tools, System-on-Chip (SoC) infrastructure IP applications, and a large user community.
Additionally, the microcontroller uses ARM's Thumb®-compatible Thumb-2 instruction set to reduce
memory requirements and, thereby, cost. Finally, the LM3S6950 microcontroller is code-compatible
to all members of the extensive Stellaris
® family; providing flexibility to fit our customers' precise
needs.
Luminary Micro offers a complete solution to get to market quickly, with evaluation and development
boards, white papers and application notes, an easy-to-use peripheral driver library, and a strong
support, sales, and distributor network.
1.1
Product Features
The LM3S6950 microcontroller includes the following product features:
■ 32-Bit RISC Performance
– 32-bit ARM® Cortex™-M3 v7M architecture optimized for small-footprint embedded
applications
– System timer (SysTick), providing a simple, 24-bit clear-on-write, decrementing, wrap-on-zero
counter with a flexible control mechanism
– Thumb®-compatible Thumb-2-only instruction set processor core for high code density
– 50-MHz operation
21
June 14, 2007
Luminary Micro Confidential-Advance Product Information
LM3S6950 Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com