Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV101 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV101
Description  Fixed-Gain Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV101 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV101 Datasheet HTML 1Page - National Semiconductor (TI) LMV101 Datasheet HTML 2Page - National Semiconductor (TI) LMV101 Datasheet HTML 3Page - National Semiconductor (TI) LMV101 Datasheet HTML 4Page - National Semiconductor (TI) LMV101 Datasheet HTML 5Page - National Semiconductor (TI) LMV101 Datasheet HTML 6Page - National Semiconductor (TI) LMV101 Datasheet HTML 7Page - National Semiconductor (TI) LMV101 Datasheet HTML 8Page - National Semiconductor (TI) LMV101 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
O =V
+/2 and R
L > 1MΩ. Boldface limits
apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 6)
Max
(Note 7)
Units
I
S
Supply Current
130
250
350
µA
max
DC Gain Accuracy
LMV101, Gain = −1
3.5
5
%
LMV102, Gain = −2
3.5
5
%
LMV105, Gain = −5
3.5
6
%
LMV110, Gain = −10
9.0
12
%
SR
Slew Rate
(Note 8)
1
V/µs
GBW
−3dB Bandwidth
LMV101, Gain = −1,
R
L =2kΩ,CL = 100pF
1.6
MHz
LMV102, Gain = −2,
R
L =2kΩ,CL = 100pF
1.8
MHz
LMV105, Gain = −5,
R
L =2kΩ,CL = 100pF
0.8
MHz
LMV110, Gain = −10,
R
L =2kΩ,CL = 100pF
0.2
MHz
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF. Machine model, 0Ω in series with 100pF.
Note 3: Shorting circuit output to V+ will adversely affect reliability.
Note 4: Shorting circuit output to V− will adversely affect reliability.
Note 5: The maximum power dissipation is a function of TJ(max) , θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
P D =(TJ(max)–T A)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 6: Typical Values represent the most likely parametric norm.
Note 7: All limits are guaranteed by testing or statistical analysis.
Note 8: Number specified is the slower of the positive and negative slew rates.
Typical Performance Characteristics (Unless otherwise specified, V
S = +5V, single supply, TA =
25˚C.)
Supply Current vs.
Supply Voltage
DS101234-22
Sourcing Current
vs. Output Voltage
DS101234-23
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com