Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL12N65F Datasheet(PDF) 1 Page - Slkormicro

Part # SL12N65F
Description  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLKOR [Slkormicro]
Direct Link  http://www.slkormicro.com
Logo SLKOR - Slkormicro

SL12N65F Datasheet(HTML) 1 Page - Slkormicro

  SL12N65F Datasheet HTML 1Page - Slkormicro SL12N65F Datasheet HTML 2Page - Slkormicro SL12N65F Datasheet HTML 3Page - Slkormicro SL12N65F Datasheet HTML 4Page - Slkormicro SL12N65F Datasheet HTML 5Page - Slkormicro SL12N65F Datasheet HTML 6Page - Slkormicro SL12N65F Datasheet HTML 7Page - Slkormicro SL12N65F Datasheet HTML 8Page - Slkormicro  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N-CHANNEL MOSFET
1
主要参数
MAIN CHARACTERISTICS
ID
12A
VDSS
650V
RDS(ON)(VGS=10V)
0.73Ω
QG
45nC
用途
 高频开关电源
 电子整流器
LED 电源
产品特性
 低栅极电荷
 低
CRSS (典型值 25pF)
 开关速度快
100%雪崩测试
 高抗
dv/dt 能力
RoHS 产品
APPLICATIONS
High efficiency switch mode power supplies
Electronic lamp ballasts based on half bridge
LED power supplies
FEATURES
Low gate charge
Low CRSS(typical 25pF)
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
订货信息
ORDER MESSAGE
订货型号
Order codes
印记
Marking
封装
Package
无卤素
Halogen Free
包装
Packaging
器件重量
Device Weight
TO-220F
否
NO
条管
Tube
2.2g(typ)
1 Gate
2 Drain
3 Source
SL12N65F
SL12N65F
www.slkormicro.com
SL12N65F


Similar Part No. - SL12N65F

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SL12N WEITRON-SL12N Datasheet
142Kb / 3P
Low VF Schottky Barrier Diodes
SL12N WEITRON-SL12N Datasheet
146Kb / 3P
Low VF Schottky Barrier Diodes
SL12N WEITRON-SL12N_10 Datasheet
146Kb / 3P
Low VF Schottky Barrier Diodes
More results

Similar Description - SL12N65F

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com