Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL12N65 Datasheet(PDF) 2 Page - Slkormicro

Part # SL12N65
Description  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLKOR [Slkormicro]
Direct Link  http://www.slkormicro.com
Logo SLKOR - Slkormicro

SL12N65 Datasheet(HTML) 2 Page - Slkormicro

  SL12N65 Datasheet HTML 1Page - Slkormicro SL12N65 Datasheet HTML 2Page - Slkormicro SL12N65 Datasheet HTML 3Page - Slkormicro SL12N65 Datasheet HTML 4Page - Slkormicro SL12N65 Datasheet HTML 5Page - Slkormicro SL12N65 Datasheet HTML 6Page - Slkormicro SL12N65 Datasheet HTML 7Page - Slkormicro SL12N65 Datasheet HTML 8Page - Slkormicro  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
绝对值
ABSOLUTE RATINGS (TC=25℃,unless otherwise specified)
项目
Parameter
符号
Symbol
数值
Ratings
单位
Unit
漏极-源极击穿电压
Drain-Source Breakdown Voltage
VDSS
650
V
漏极连续电流
Continuous Drain Current
TC=25℃
ID
12*
A
TC=100°℃
7.6*
A
漏极脉冲电流(注
1)
Drain Current pulsed(note 1)
IDM
48*
A
最高栅源电压
Gate-Source Voltage
VGSS
±30
V
单脉冲雪崩能量(注
2)
Single Pulsed Avalanche Energy(note 2)
EAS
605
mJ
重复雪崩能量(注
1)
Repetitive Avalanche Current (note 1)
EAR
121
mJ
二极管反向恢复最大电压变化速率(注
3)
Peak Diode Recovery dv/dt (note 3)
dv/dt
5
V/ns
耗散功率
Total Power Dissipation
TC=25℃
PD
45.2
W
Derate above 25℃
0.36
W/℃
最高结温
Operating Junction Temperature
TJ
150
℃
存储温度
Storage Temperature
TSTG
-55~+150
℃
焊接温度
Maximum Temperature for Soldering Leads
TL
300
℃
* 漏极电流由最高结温限制。
* Drain current is limited by junction temperature.
电特性
ELECTRICAL CHARACTERISTICS(TJ=25℃,unless otherwise specified)
项目
Parameter
符号
Symbol
测试条件
Test conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
断态特性
Off Characteristics
漏-源击穿电压
Drain-Source Breakdown Voltage
BVDSS
ID=250μA, VGS=0V
650
-
-
V
击穿电压温度特性
Breakdown Voltage Temperature
Coefficient
ΔBVDSS/ΔTJ
ID=250μA,
referenced to 25℃
-
0.49
-
V/℃
漏源极漏电流
Drain-Source leakage Current
IDSS
VDS=650V,VGS=0V
-
-
1
μA
VDS=520V,TC=125℃
-
-
50
μA
栅源极漏电流
Gate-Source
leakage current
正向
Forward
IGSS
VDS=0V,VGS=30V
-
-
100
nA
反向
Reverse
VDS=0V,VGS=-30V
-
-
-100
nA
www.slkormicro.com
SL12N65F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com