Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333W13TR Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA333W13TR
Description  2-channel high-efficiency digital audio system
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W13TR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA333W13TR Datasheet HTML 34Page - STMicroelectronics STA333W13TR Datasheet HTML 35Page - STMicroelectronics STA333W13TR Datasheet HTML 36Page - STMicroelectronics STA333W13TR Datasheet HTML 37Page - STMicroelectronics STA333W13TR Datasheet HTML 38Page - STMicroelectronics STA333W13TR Datasheet HTML 39Page - STMicroelectronics STA333W13TR Datasheet HTML 40Page - STMicroelectronics STA333W13TR Datasheet HTML 41Page - STMicroelectronics STA333W13TR Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
STA333W
Package information
39/42
10
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label.
ECOPACK specifications are available at: www.st.com.
Figure 16.
PowerSSO36 slug down package information
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.15
2.47
0.084
0.097
A2
2.15
2.40
0.084
0.094
a1
0
0.075
0
0.003
b
0.18
0.36
0.007
0.014
c
0.23
0.32
0.009
0.012
D (1)
10.10
10.50
0.398
0.413
E (1)
7.4
7.6
0.291
0.299
e
0.5
0.019
e3
8.5
0.335
F
2.3
0.090
G
0.10
0.004
G1
0.06
0.002
H
10.10
10.50
0.398
0.413
h
0.40
0.016
k5°
5°
L
0.55
0.90
0.022
0.035
M
4.3
0.169
N
10°
10°
O
1.2
0.047
Q
0.8
0.031
S
2.9
0.114
T3.65
0.144
U
1.0
0.039
X
4.1
4.7
0.161
0.185
Y
6.5
7.3
0.256
0.287
(1) "D” and “E" do not include mold flash or protrusions Mold flash
or protrusions shall not exceed 0.15 mm per side(0.006”)
PowerSSO-36
7587131 A
G
LEAD COPLANARITY
BOTTOM VIEW
D
e3
0.1
A
MB
b
e
A
Y
T
M
L
hx45û
U
O
B
Outline and mechanical data
Exposed pad (or slug) down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com