Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP100N08P Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP100N08P
Description  85V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100N08P Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP100N08P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100N08P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100N08P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100N08P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100N08P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100N08P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100N08P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP100N08P Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP100N08PIT
85V N-Channel Enhancement Mode MOSFET
AP100N08P/T REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS=0V, ID=250uA
85
91
V
VGS(th )
Gate threshold voltage
VDS=VGS,ID=250uA Tj=25°C
2.0
3.0
4.0
V
IDSS
Zero gate voltage drain current
VDS=80V,VGS=0V Tj=25°C
-
-
1
μA
IDSS
Zero gate voltage drain current
VDS=80V,VGS=0V Tj=125°C
-
-
- 5
μA
IGSS
Gate-source leakage current
VGS=20V,VDS=0V
-
-
100
nA
RDS(on)
Drain-source on-state resistance
VGS=10V, ID=50A,Tj=25°C
-
4.8
5.8
mΩ
gfs
Transconductance
VDS=5V,ID=40A
-
106
-
S
Ciss
Input Capacitance
VGS=0V, VDS=40V, f=1MHz
-
3503
-
pF
Coss
Output Capacitance
-
1048
-
pF
Crss
Reverse Transfer Capacitance
-
23
-
pF
QG
Gate Total Charge
VGS=10V, VDS=40V,ID=20A
-
82
-
nC
Qgs
Gate-Source charge
-
15
-
nC
Qgd
Gate-Drain charge
-
33
-
nC
td(on)
Turn-on delay time
Tj=25°C, VGS=10V,
VDS=40V, RL=3Ω
-
14.9
-
ns
tr
Rise time
-
35
-
ns
td(off)
Turn-off delay time
-
50
-
ns
tf
Fall time
-
37
-
ns
RG
Gate resistance
VGS=0V, VDS=0V, f=1MHz
-
2
-
Ω
VSD
Body Diode Forward Voltage
VGS=0V,ISD=10A
-
0.85
1.2
V
trr
Body Diode Reverse Recovery Time
IF=20A, dI/dt=100A/μs
-
70
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
61
-
nC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width .The EAS data shows Max. rating .
3、The test cond≦ 300us duty cycle ≦ 2%, duty cycle ition is VDD=64VGS=10V,L=0.1mH,IAS=53.8A
4、The power dissipation is limited by 175℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com