Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2S06BPQR Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST2S06BPQR
Description  Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S06BPQR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST2S06BPQR Datasheet HTML 6Page - STMicroelectronics ST2S06BPQR Datasheet HTML 7Page - STMicroelectronics ST2S06BPQR Datasheet HTML 8Page - STMicroelectronics ST2S06BPQR Datasheet HTML 9Page - STMicroelectronics ST2S06BPQR Datasheet HTML 10Page - STMicroelectronics ST2S06BPQR Datasheet HTML 11Page - STMicroelectronics ST2S06BPQR Datasheet HTML 12Page - STMicroelectronics ST2S06BPQR Datasheet HTML 13Page - STMicroelectronics ST2S06BPQR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Typical performance characteristics
ST2S06A33 - ST2S06B - ST2S06D33
10/21
5
Typical performance characteristics
Figure 3.
Feedback voltage 1 vs. temperature
(ST2S06B)
Figure 4.
Feedback voltage 2 vs. temperature
(ST2S06B)
Figure 5.
Efficiency vs. output current 1
Figure 6.
Efficiency vs. output current 2
Figure 7.
Switching frequency vs.
temperature (ST2S06A)
Figure 8.
Duty cycle vs. temperature
(ST2S06A)
0.78
0.79
0.8
0.81
0.82
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
V
I=5V, VFB1 connected to VO1
I
O1=IO2=NO LOAD
0.78
0.79
0.8
0.81
0.82
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
V
I=5V, VFB1 connected to VO1
I
O1=IO2=NO LOAD
0.78
0.79
0.8
0.81
0.82
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
V
I=5V, VFB2 connected to VO2
I
O1=IO2 =NO LOAD
0.78
0.79
0.8
0.81
0.82
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
0.78
0.79
0.8
0.81
0.82
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
V
I=5V, VFB2 connected to VO2
I
O1=IO2 =NO LOAD
V
I=5V, VO1=3.3V, IO2 NO LOAD
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
Output Current 1 [A]
V
I=5V, VO1=3.3V, IO2 NO LOAD
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
Output Current 1 [A]
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
Output Current 2 [A]
V
I=5V, VO2=1.2V, IO1 NO LOAD
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
Output Current 2 [A]
V
I=5V, VO2=1.2V, IO1 NO LOAD
V
I=5V, VFB1=3.2V, VFB2=0.7V
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
-50
-25
0
25
50
75
100
125
Temperature [°C]
V
I=5V, VFB1=3.2V, VFB2=0.7V
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
-50
-25
0
25
50
75
100
125
Temperature [°C]
V
I=5V, VFB1=3.2V, VFB2=0.7V
90
91
92
93
94
95
96
97
98
99
100
-50
-25
0
25
50
75
100
125
Temperature [°C]
V
I=5V, VFB1=3.2V, VFB2=0.7V
90
91
92
93
94
95
96
97
98
99
100
-50
-25
0
25
50
75
100
125
Temperature [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com