Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP90N12NF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP90N12NF
Description  120V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP90N12NF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP90N12NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP90N12NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP90N12NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP90N12NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP90N12NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP90N12NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP90N12NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP90N12NF
120V N-Channel Enhancement Mode MOSFET
AP90N12NF REV1.0
永源微電子科技有限公司
Description
The AP90N12NF uses advanced SGT II technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 7.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 120V ID =90A
RDS(ON) < 9mΩ @ VGS=10V (Type:7.5mΩ)
Application
Mobile phone fast charging
Brushless motor
Home appliance control board
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP90N12NF
PDFN5*6-8L
AP90N12NF XXXX YYYY
5000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDS
Drain source voltage
120
V
VGS
Gate source voltage
±20
V
ID@TA=25℃
Continuous drain current1), TC=25 ℃
90
A
ID@TA=70℃
Continuous drain current1), TC=75 ℃
35
A
IDM
Pulsed drain current2), TC=25 ℃
270
A
PD
Power dissipation3), TC=25 ℃
160
W
EAS
Single pulsed avalanche energy4)
125
mJ
Tstg,Tj
Operation and storage temperature
-55 to 150
℃
RθJC
Thermal resistance, junction-case
0.89
℃
/W
RθJA
Thermal resistance, junction-ambient5)
25
℃
/W


Similar Part No. - AP90N12NF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP90N12D APME-AP90N12D Datasheet
727Kb / 7P
120V N-Channel Enhancement Mode MOSFET
REV1.0
AP90N12F APME-AP90N12F Datasheet
898Kb / 9P
120V N-Channel Enhancement Mode MOSFET
REV1.0
AP90N12P APME-AP90N12P Datasheet
898Kb / 9P
120V N-Channel Enhancement Mode MOSFET
REV1.0
AP90N12T APME-AP90N12T Datasheet
898Kb / 9P
120V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP90N12NF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP32N12V2 FAIRCHILD-FQP32N12V2 Datasheet
857Kb / 10P
120V N-Channel MOSFET
FQB32N12V2 FAIRCHILD-FQB32N12V2 Datasheet
649Kb / 9P
120V N-Channel MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
GOOD-ARK Electronics
SSS1206 GOOD-ARK-SSS1206 Datasheet
1Mb / 7P
120V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com