Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1317BA Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # ST1317BA
Description  3.3V CMOS Ultra-Low Jitter Voltage Control VCXO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

ST1317BA Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  ST1317BA Datasheet HTML 1Page - Pericom Semiconductor Corporation ST1317BA Datasheet HTML 2Page - Pericom Semiconductor Corporation ST1317BA Datasheet HTML 3Page - Pericom Semiconductor Corporation ST1317BA Datasheet HTML 4Page - Pericom Semiconductor Corporation ST1317BA Datasheet HTML 5Page - Pericom Semiconductor Corporation ST1317BA Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3.3V CMOS Ultra Low Jitter Voltage Control (VCXO)
3.3V CMOS Ultra Low Jitter Voltage Control (VCXO)
YN Series Crystal Oscillator
Legacy ST1317 Series
7.0x5.0mm
SaRonix-eCera™ is a Pericom® Semiconductor Corporation company • 1-800-435-2336 • www.pericom.com/saronix
YN
3
All specifications are subject to change without notice.
DS 269 Rev B | 07/03/07
Test Circuit
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
Notes
Storage temperature
-55
+125
°C
Control voltage range
-0.5
VDD +0.5
V
Output Control
POWER
Control Voltage
0.1
μF
30pF (incl.
Test Point
1
6
2
3
4
5
SUPPLY
probe and
fixture
capacitance)
Output Enable / Disable Function
Parameter
Min.
Typ.
Max.
Units
Notes
Input voltage, output enable
3.0
V
or open
Input voltage, output high impedance
0.3
V
Output is high
impendance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com