Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1317BAB Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # ST1317BAB
Description  3.3V CMOS Ultra-Low Jitter Voltage Control VCXO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

ST1317BAB Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  ST1317BAB Datasheet HTML 1Page - Pericom Semiconductor Corporation ST1317BAB Datasheet HTML 2Page - Pericom Semiconductor Corporation ST1317BAB Datasheet HTML 3Page - Pericom Semiconductor Corporation ST1317BAB Datasheet HTML 4Page - Pericom Semiconductor Corporation ST1317BAB Datasheet HTML 5Page - Pericom Semiconductor Corporation ST1317BAB Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3.3V CMOS Ultra Low Jitter Voltage Control (VCXO)
3.3V CMOS Ultra Low Jitter Voltage Control (VCXO)
YN Series Crystal Oscillator
Legacy ST1317 Series
7.0x5.0mm
SaRonix-eCera™ is a Pericom® Semiconductor Corporation company • 1-800-435-2336 • www.pericom.com/saronix
YN
2
All specifications are subject to change without notice.
DS 269 Rev B | 07/03/07
Electrical Performance
Parameter
Min.
Typ.
Max.
Units
Notes
Output frequency (FN)
32.0
125.0
MHz
As specified
Supply voltage
+2.97
+3.3
+3.63
V
Supply current
35
mA
Frequency stability
±50
ppM
See #1 and #2 below
Operating temperature
-40
+85
°C
As specified
Output logic 0, VOL
10% VDD
V
Capacitive load
Output logic 0, VOL
20% VDD
V
AC coupled load
Output logic 1, VOH
90%
VDD
V
Capacitive load
Output logic 1, VOH
80%
VDD
V
AC coupled load
Output load
30
pF
Up to 80 MHz
Output load
95
Ω AC
Up to 125 MHz
Duty cycle
45
55
%
measured 50% VDD (0 to +70°C)
Duty cycle
40
60
%
measured 50% VDD (-40 to +85°C)
Rise and fall time
4
ns
measured 20/80% VDD
Jitter, total
100
ps pk-pk
Jitter, total
20
ps RMS
Phase noise
-95
dBc/Hz
100 Hz offset
Phase noise
-110
dBc/Hz
1 kHz offset
Phase noise
-100
dBc/Hz
10 kHz offset
Notes:
1.
As specified. Stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, shock and vibration, with control
voltage held at center.
2.
±12 ppM max due to aging (10 years at 40°C average ambient operating temperature).
Frequency Modulation Function
Parameter
Min.
Typ.
Max.
Units
Notes
Absolute pull range (APR)
±50 to ±100
ppM
See #1 below
Control voltage range
+0.3
+3.0
VDC
As rated
Center control voltage
+1.65
V
For RMT center frequency
Monotonic linearity
10
%
Positive transfer slope
Input impedance
50
kΩ
Control voltage pin
Modulation bandwidth
50
kHz
-3dB
Notes:
1. As specified. APR is relative to the nominal output frequency FN; APR is inclusive (net) of frequency deviation due to stability.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com