Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE206XB Datasheet(PDF) 18 Page - Texas Instruments

Part # TLE206XB
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE206XB Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLE206XB Datasheet HTML 14Page - Texas Instruments TLE206XB Datasheet HTML 15Page - Texas Instruments TLE206XB Datasheet HTML 16Page - Texas Instruments TLE206XB Datasheet HTML 17Page - Texas Instruments TLE206XB Datasheet HTML 18Page - Texas Instruments TLE206XB Datasheet HTML 19Page - Texas Instruments TLE206XB Datasheet HTML 20Page - Texas Instruments TLE206XB Datasheet HTML 21Page - Texas Instruments TLE206XB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
TLE206x, TLE206xA, TLE206xB
EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS193B − FEBRUARY 1997 − REVISED MAY 2004
18
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLE2061Y electrical characteristics at VCC± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLE2061Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
0.6
3
mV
αVIO
Input offset voltage long-term drift (see Note 4)
VIC = 0,
RS = 50 Ω
0.04
µV/mo
IIO
Input offset current
VIC = 0,
RS = 50 Ω
2
pA
IIB
Input bias current
4
pA
VICR
Common-mode input voltage range
−11
to
13
−12
to
16
V
VOM +
Maximum positive peak output voltage swing
RL = 10 kΩ
13.2
13.7
V
VOM +
Maximum positive peak output voltage swing
RL = 600 Ω
12.5
13.2
V
VOM −
Maximum negative peak output voltage swing
RL = 10 kΩ
− 13.2
− 13.7
V
VOM −
Maximum negative peak output voltage swing
RL = 600 Ω
− 12.5
−13
V
VO = ± 10 V,
RL = 10 kΩ
30
230
AVD
Large-signal differential voltage amplification
VO = 0 to 8 V,
RL = 600 Ω
25
100
V/mV
AVD
Large-signal differential voltage amplification
VO = 0 to − 8 V, RL = 600 Ω
3
25
V/mV
ri
Input resistance
1012
ci
Input capacitance
4
pF
zo
Open-loop output impedance
IO = 0
280
CMRR
Common-mode rejection ratio
RS = 50 Ω,VIC = VICRmin
72
90
dB
kSVR
Supply-voltage rejection ratio (
∆VCC/∆VIO)
VCC ± = ±5 V to ±15 V,
R
= 50
75
93
dB
kSVR
Supply-voltage rejection ratio (
∆VCC/∆VIO)
VCC ± = ±5 V to ±15 V,
RS = 50 Ω
75
93
dB
ICC
Supply current
VO = 0,
No load
290
350
µA
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
TLE2061Y operating characteristics at VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLE2061Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain (see Figure 1)
RL = 10 kΩ,CL = 100 pF
2.6
3.4
V/
µs
Vn
Equivalent input noise voltage (see Figure 2)
f = 10 Hz,
RS = 20 Ω
70
nV/
√Hz
Vn
Equivalent input noise voltage (see Figure 2)
f = 1 kHz ,
RS = 20 Ω
40
nV/
√Hz
VN(PP)
Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
1.1
µV
In
Equivalent input noise current
f = 1 Hz
1.1
fA /
√Hz
THD
Total harmonic distortion
AVD = 2,
f = 10 kHz,
0.025%
THD
Total harmonic distortion
AVD = 2,
f = 10 kHz,
VO(PP) = 2 V,
RL = 10 kΩ
0.025%
B1
Unity-gain bandwidth (see Figure 3)
RL = 10 kΩ,CL = 100 pF
2
MHz
B1
Unity-gain bandwidth (see Figure 3)
RL = 600 Ω,CL = 100 pF
1.5
MHz
ts
Settling time
0.1%
5
s
ts
Settling time
0.01%
10
µs
BOM
Maximum output-swing bandwidth
AVD = 1,
RL = 10 kΩ
40
kHz
φm
Phase margin at unity gain (see Figure 3)
RL = 10 kΩ,CL = 100 pF
60
°
φm
Phase margin at unity gain (see Figure 3)
RL = 600 Ω,CL = 100 pF
70
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com