Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL052ACD Datasheet(PDF) 48 Page - STMicroelectronics

Part # TL052ACD
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL052ACD Datasheet(HTML) 48 Page - STMicroelectronics

Back Button TL052ACD Datasheet HTML 44Page - STMicroelectronics TL052ACD Datasheet HTML 45Page - STMicroelectronics TL052ACD Datasheet HTML 46Page - STMicroelectronics TL052ACD Datasheet HTML 47Page - STMicroelectronics TL052ACD Datasheet HTML 48Page - STMicroelectronics TL052ACD Datasheet HTML 49Page - STMicroelectronics TL052ACD Datasheet HTML 50Page - STMicroelectronics TL052ACD Datasheet HTML 51Page - STMicroelectronics TL052ACD Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
48
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
macromodel information
Macromodel information provided was derived using Microsim Parts
, the model-generation software used
with Microsim PSpice
. The Boyle macromodel (see Note 6 and subcircuit Figure 92) are generated using the
TL05x typical electrical and operating characteristics at TA = 25°C. Using this information, output simulations
of the following key parameters can be generated to a tolerance of 20% (in most cases):
D Maximum positive output voltage swing
D Maximum negative output voltage swing
D Slew rate
D Quiescent power dissipation
D Input bias current
D Open-loop voltage amplification
D Unity-gain frequency
D Common-mode rejection ratio
D Phase margin
D DC output resistance
D AC output resistance
D Short-circuit output current limit
NOTE 6: G. R. Boyle, B. M. Cohn, D. O. Pederson, and J. E. Solomon, “Macromodeling of Integrated Circuit Operational Amplifiers”, IEEE Journal
of Solid-State Circuits, SC-9, 353 (1974).
OUT
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
.SUBCKT TL05x 1 2 3 4 5
C1
11
12
3.988E–12
C2
6
7
15.00E–12
DC
5
53
DX
DE
54
5
DX
DLP
90
91
DX
DLN
92
90
DX
DP
43DX
EGND 99
0
POLY (2) (3,0) (4,0) 0 .5 .5
FB
7
99
POLY (5) VB VC VE VLP
+ VLN 0 2.875E6 –3E6 3E6 3E6 –3E6
GA
6
0
11
12 292.2E–6
GCM 0
6
10
99 6.542E–9
ISS
3
10
DC 300.0E–6
HLIM 90
0
VLIM 1K
J1
11
2
10 JX
J2
12
1
10 JX
R2
6
9
100.0E3
RD1
4
11
3.422E3
RD2
4
12
3.422E3
R01
8
5
125
R02
7
99
125
RP
3
4
11.11E3
RSS
10
99
666.7E6
VB
9
0
DC 0
VC
3
53
DC 3
VE
54
4
DC 3.7
VLIM 7
8
DC 0
VLP
91
0
DC 28
VLN
0
92
DC 28
.MODEL DX D (IS=800.0E–18)
.MODEL JX PJF (IS=15.00E–12 BETA=185.2E–6
+ VTO=–.1)
.ENDS
VCC+
RP
IN–
2
IN+
3
VCC–
VAD
RD1
11
J1
J2
10
RSS
ISS
3
12
RD2
60
VE
54
DE
DP
VC
DC
4
C1
53
R2
6
9
EGND
VB
FB
C2
GCM
GA
VLIM
8
5
RO1
RO2
HLIM
90
DLP
91
DLN
92
VLN
VLP
99
7
Figure 92. Boyle Macromodel and Subcircuit
PSpice and Parts are trademarks of MicroSim Corporation.
Macromodels, simulation models, or other models provided by TI,
directly or indirectly, are not warranted by TI as fully representing all
of the specification and operating characteristics of the
semiconductor product to which the model relates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com