Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2061ACD Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2061ACD
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2061ACD Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLE2061ACD Datasheet HTML 11Page - Texas Instruments TLE2061ACD Datasheet HTML 12Page - Texas Instruments TLE2061ACD Datasheet HTML 13Page - Texas Instruments TLE2061ACD Datasheet HTML 14Page - Texas Instruments TLE2061ACD Datasheet HTML 15Page - Texas Instruments TLE2061ACD Datasheet HTML 16Page - Texas Instruments TLE2061ACD Datasheet HTML 17Page - Texas Instruments TLE2061ACD Datasheet HTML 18Page - Texas Instruments TLE2061ACD Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
TLE206x, TLE206xA, TLE206xB
EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS193B − FEBRUARY 1997 − REVISED MAY 2004
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2061M electrical characteristics at specified free-air temperature, VCC± = ±5 V (unless
otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
TA†
TLE2061M
TLE2061AM
TLE2061BM
UNIT
TA
MIN
TYP
MAX
ri
Input resistance
25
°C
1012
Ω
ci
Input capacitance
25
°C
4
pF
zo
Open-loop output impedance
IO = 0
25
°C
280
Ω
CMRR
Common-mode rejection ratio
VIC = VICRmin,
25
°C
65
82
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin,
RS = 50 Ω
Full range
60
dB
kSVR
Supply-voltage rejection ratio (
∆VCC±/∆VIO)
VCC ± = ±5 V to ±15 V,
R
= 50
25
°C
75
93
dB
kSVR
Supply-voltage rejection ratio (
∆VCC±/∆VIO)
VCC ± = 5 V to 15 V,
RS = 50 Ω
Full range
65
dB
ICC
Supply current
25
°C
280
325
A
ICC
Supply current
VO = 0,
No load
Full range
350
µA
∆ICC
Supply-current change over operating
temperature range
VO = 0,
No load
Full range
39
µA
† Full range is − 55°C to 125°C.
TLE2061M operating characteristics at specified free-air temperature, VCC± = ±5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLE2061M
TLE2061AM
TLE2061BM
UNIT
MIN
TYP
MAX
SR
Slew rate at unity gain (see Figure 1)
RL = 10 kΩ,CL = 100 pF
3.4
V/ s
SR
Slew rate at unity gain (see Figure 1)
RL = 10 kΩ,CL = 100 pF
3.4
V/
µs
Vn
Equivalent input noise voltage (see Figure 2)
f = 10 Hz,
RS = 20 Ω
59
nV/
√Hz
Vn
Equivalent input noise voltage (see Figure 2)
f = 1 kHz ,
RS = 20 Ω
43
nV/
√Hz
VN(PP) Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
1.1
V
VN(PP) Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
1.1
µV
In
Equivalent input noise current
f = 1 kHz
1
fA /
√Hz
THD
Total harmonic distortion
AVD = 2,
f = 10 kHz,
0.025%
THD
Total harmonic distortion
AVD = 2,
f = 10 kHz,
VO(PP) = 2 V,
RL = 10 kΩ
0.025%
B1
Unity-gain bandwidth (see Figure 3)
RL = 10 kΩ,CL = 100 pF
1.8
MHz
B1
Unity-gain bandwidth (see Figure 3)
RL = 600 Ω,CL = 100 pF
1.3
MHz
ts
Settling time
0.1%
5
s
ts
Settling time
0.01%
10
µs
BOM
Maximum output-swing bandwidth
AVD = 1,
RL = 10 kΩ
140
kHz
φm
Phase margin at unity gain (see Figure 3)
RL = 10 kΩ,CL = 100 pF
58
°
φm
Phase margin at unity gain (see Figure 3)
RL = 600 Ω,CL = 100 pF
75
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com