Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL052CP Datasheet(PDF) 15 Page - STMicroelectronics

Part # TL052CP
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL052CP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TL052CP Datasheet HTML 11Page - STMicroelectronics TL052CP Datasheet HTML 12Page - STMicroelectronics TL052CP Datasheet HTML 13Page - STMicroelectronics TL052CP Datasheet HTML 14Page - STMicroelectronics TL052CP Datasheet HTML 15Page - STMicroelectronics TL052CP Datasheet HTML 16Page - STMicroelectronics TL052CP Datasheet HTML 17Page - STMicroelectronics TL052CP Datasheet HTML 18Page - STMicroelectronics TL052CP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TL054I and TL054AI electrical characteristics at specified free-air temperature
†
TL054I, TL054AI
PARAMETER
TEST CONDITIONS
TA†
VCC
± = ±5 V
VCC
± = ±15 V
UNIT
A
MIN
TYP
MAX
MIN
TYP
MAX
TL054I
25
°C
0.64
5.5
0.56
4
VIO
Input offset voltage
TL054I
Full range
8.8
7.3
mV
VIO
In ut offset voltage
TL054AI
25
°C
0.57
3.5
0.5
1.5
mV
VO =0
TL054AI
Full range
6.8
4.8
a
Temperature coefficient of
VO = 0,
VIC = 0,
RS = 50 Ω
TL054I
25
°C to
85
°C
25
24
µV/°C
a
V
IO
input offset voltage
RS 50 Ω
TL054AI
25
°C to
85
°C
25
23
µV/°C
Input offset voltage
long-term drift‡
25
°C
0.04
0.04
µV/mo
IIO
Input offset current
VO = 0,
VIC = 0,
25
°C
4
100
5
100
pA
IIO
Input offset current
OIC
See Figure 5
85
°C
0.06
10
0.07
10
nA
IIB
Input bias current
VO = 0,
VIC = 0,
25
°C
20
200
30
200
pA
IIB
Input bias current
OIC
See Figure 5
85
°C
0.6
20
0.7
20
nA
VICR
Common-mode input
25
°C
–1
to
4
–2.3
to
5.6
–11
to
11
–12.3
to
15.6
V
VICR
voltage range
Full range
–1
to
4
–11
to
11
V
RL =10kΩ
25
°C
3
4.2
13
13.9
VOM
Maximum positive peak
RL = 10 kΩ
Full range
3
13
V
VOM+
output voltage swing
RL =2kΩ
25
°C
2.5
3.8
11.5
12.7
V
RL = 2 kΩ
Full range
2.5
11.5
RL =10kΩ
25
°C
–2.5
–3.5
–12
–13.2
VOM
Maximum negative peak
RL = 10 kΩ
Full range
–2.5
–12
V
VOM–
g
output voltage swing
RL =2kΩ
25
°C
–2.3
–3.2
–11
–12
V
RL = 2 kΩ
Full range
–2.3
–11
L
i
l diff
ti l
25
°C
25
72
50
133
AVD
Large-signal differential
voltage amplification§
RL = 2 kΩ
–40
°C
30
101
60
212
V/mV
voltage am lification§
85
°C
20
50
30
70
ri
Input resistance
25
°C
1012
1012
Ω
ci
Input capacitance
25
°C
10
12
pF
Common mode
V
V
min
25
°C
65
84
75
92
CMRR
Common-mode
rejection ratio
VIC = VICRmin,
VO =0
RS =50 Ω
–40
°C
65
83
75
92
dB
rejection ratio
VO = 0,
RS = 50 Ω
85
°C
65
84
75
93
Supply voltage rejection
V
±5Vto ±15 V
25
°C
75
99
75
99
kSVR
Supply-voltage rejection
ratio (
∆VCC±/∆VIO)
VCC
± = ±5 V to ±15 V,
VO =0
RS =50 Ω
–40
°C
75
98
75
99
dB
ratio (
∆VCC±/∆VIO)
VO = 0,
RS = 50 Ω
85
°C
75
99
75
99
Supply current
25
°C
8.1
11.2
8.4
11.2
ICC
Supply current
(four amplifiers)
VO = 0,
No load
–40
°C
7.9
12.8
8.2
12.8
mA
(four am lifiers)
85
°C
7.6
11.2
7.9
11.2
VO1/VO2
Crosstalk attenuation
AVD = 100
25
°C
120
120
dB
† Full range is –40
°C to 85°C.
‡ Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C, extrapolated to
TA = 25°C using the Arrhenius equation, and assuming an activation energy of 0.96 eV.
§ For VCC± = ±5 V, VO = ±2.3 V, at VCC± = ±15 V, VO = ±10 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com