Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTN4A60S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HTN4A60S
Description  NON INSULATED TYPE TRIAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HTN4A60S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HTN4A60S Datasheet HTML 1Page - List of Unclassifed Manufacturers HTN4A60S Datasheet HTML 2Page - List of Unclassifed Manufacturers HTN4A60S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
汕头华汕电子器件有限公司
NON
INSULATED
TYPE
TRIAC
HTN4A60S
对应国外型号
BT134,Z0405MF
█ 器件名称
非绝缘型灵敏门极双向三端晶闸管(即: 灵敏门极双向可控硅)
█ 主要用途
适合于 TTL、HTL、CMOS 电路,主要用于小功率交流开关、风扇控制、照明控制等
█ 极限值(T
a=25℃)
█ 外形图及引脚排列
T stg ——贮 存温度… ………… ………… ………… - 40~ 125 ℃
T j ——结温…………………………………………… - 40 ~12 5 ℃
P GM —— 峰值门极 功耗…… ………… ………… …… 1.5 W
V DRM —— 重复峰值断 态电压…… …………… …………… 600 V
IT
(RMS)——RMS 通态电流(Ta=95℃)……………………………… 4.0A
V GM —— 峰值门极 电压…… ………… ………… …… 7 V
I GM —— 峰 值门极电 流……… ………… ………… ……… 0.5 A
ITSM——浪涌通态电流(一个周期,50/60HZ,峰值,不重复)…………30/33A
█ 电参数(T
a=25℃)
参数符号
符
号
说
明
最小值
最大值
单 位
测
试
条
件
IDRM
VTM
I+GT1
I-GT1
I-GT3
I+GT3
V+GT1
V-GT1
V-GT3
V+GT3
VGD
(dv/dt)c
Rth(j-c)
IH
重复峰值断态电流
峰值通态电压
门极触发电流
门极触发电流
门极触发电流
门极触发电流
门极触发电压
门极触发电压
门极触发电压
门极触发电压
不触发门极电压
断态电压临界
上升率
热阻
维持电流
0.2
11
1.0
1.6
5.0
5.0
5.0
10.0
1.4
1.4
1.4
1.8
3.5
10.0
mA
V
mA
mA
mA
mA
V
V
V
V
V
V/μS
℃/W
mA
VD=VDRM,单相,半波,TJ=125℃
IT=6.0A,快速测量
VD=6V, RL=10 ohm
VD=6V, RL=10 ohm
VD=6V, RL=10 ohm
VD=6V, RL=10 ohm
VD=6V, RL=10 ohm
VD=6V, RL=10 ohm
VD=6V, RL=10 ohm
VD=6V, RL=10 ohm
TJ=125℃,VD=1/2VDRM
TJ=125℃,VD=2/3VDRM
(di/dt)c=-2.0A/ms
结到外壳


Similar Part No. - HTN4A60S

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HTN4A60S HUASHAN-HTN4A60S Datasheet
181Kb / 4P
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-126 PACKAGE)
More results

Similar Description - HTN4A60S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HTP8A60 ETC1-HTP8A60 Datasheet
170Kb / 3P
NON INSULATED TYPE TRIAC
logo
SHANTOU HUASHAN ELECTRO...
HTF8A80 HUASHAN-HTF8A80 Datasheet
162Kb / 3P
NON INSULATED TYPE TRIAC (TO-220F PACKAGE)
HTM2A60 HUASHAN-HTM2A60 Datasheet
740Kb / 3P
NON INSULATED TYPE TRIAC (TO-126ML PACKAGE)
HTN2A60 HUASHAN-HTN2A60 Datasheet
180Kb / 3P
NON INSULATED TYPE TRIAC (TO-126 PACKAGE)
HTN4A60 HUASHAN-HTN4A60 Datasheet
175Kb / 3P
NON INSULATED TYPE TRIAC (TO-126 PACKAGE)
HTP4A60 HUASHAN-HTP4A60 Datasheet
176Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP8A60 HUASHAN-HTP8A60 Datasheet
214Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP12A60 HUASHAN-HTP12A60 Datasheet
189Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP20A60 HUASHAN-HTP20A60 Datasheet
179Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
logo
SemiHow Co.,Ltd.
HTX4-600S SEMIHOW-HTX4-600S Datasheet
297Kb / 7P
NON INSULATED TYPE SENSITIVE GATE TRIAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com