Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMU01020C7JB2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MMU01020C7JB2
Description  Professional Thin Film MELF Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU01020C7JB2 Datasheet(HTML) 2 Page - Vishay Siliconix

  MMU01020C7JB2 Datasheet HTML 1Page - Vishay Siliconix MMU01020C7JB2 Datasheet HTML 2Page - Vishay Siliconix MMU01020C7JB2 Datasheet HTML 3Page - Vishay Siliconix MMU01020C7JB2 Datasheet HTML 4Page - Vishay Siliconix MMU01020C7JB2 Datasheet HTML 5Page - Vishay Siliconix MMU01020C7JB2 Datasheet HTML 6Page - Vishay Siliconix MMU01020C7JB2 Datasheet HTML 7Page - Vishay Siliconix MMU01020C7JB2 Datasheet HTML 8Page - Vishay Siliconix MMU01020C7JB2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MMU 0102, MMA 0204, MMB 0207 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 20-Jan-2026
2
Document Number: 28713
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The presented operation modes do not refer to different types of resistors, but actually show examples of different loads, that lead to
different film temperatures and different achievable load-life stability (drift) of the resistance value. A suitable low thermal resistance of the
circuit board assembly must be safeguarded in order to maintain the film temperature of the resistors within the specified limits. Please
consider the application note “Thermal Management in Surface-Mounted Resistor Applications” (www.vishay.com/doc?28844) for
information on the general nature of thermal resistance
Note
(1) For the approved IECQ-CECC resistance range, please refer to www.vishay.com/doc?28945
MAXIMUM RESISTANCE CHANGE AT RATED DISSIPATION
OPERATION MODE
STANDARD
POWER
Rated dissipation,
P70
MMU 0102
0.2 W
0.3 W
MMA 0204
0.25 W
0.4 W
MMB 0207
0.4 W
1.0 W
Operating temperature range
-55 °C to 125 °C
-55 °C to 155 °C
Permissible film temperature,
ϑF max.
125 °C
155 °C
Max. resistance change at
P70 for
resistance range, |
ΔR/R| after:
MMU 0102
0.22
Ω to 2.21 MΩ
0.22
Ω to 2.21 MΩ
MMA 0204
0.22
Ω to 10 MΩ
0.22
Ω to 10 MΩ
MMB 0207
0.1
Ω to 15 MΩ
0.1
Ω to 15 MΩ
1000 h
≤ 0.15 %
≤ 0.25 %
8000 h
≤ 0.3 %
≤ 0.5 %
225 000 h
≤ 1.0 %
-
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE (1)
TYPE/SIZE
TCR
TOLERANCE
RESISTANCE
E-SERIES
MMU 0102
± 50 ppm/K
± 5 %
0.22
Ω to 0.91 Ω
E24
± 2 %
1
Ω to 9.1 Ω
± 1 %
10
Ω to 2.21 MΩ
E24; E96
± 0.5 %
10
Ω to 221 kΩ
E24; E192
± 25 ppm/K
± 1 %
10
Ω to 221 kΩ
E24; E96
± 0.5 %
10
Ω to 221 kΩ
E24; E192
Jumper;
Imax. = 2 A
≤ 10 mΩ
0
Ω
-
MMA 0204
± 50 ppm/K
± 5 %
0.22
Ω to 0.91 Ω
E24
± 1 %
0.22
Ω to 0.91 Ω
± 1 %
1
Ω to 10 MΩ
E24; E96
± 0.5 %
10
Ω to 2.21 MΩ
E24; E192
± 25 ppm/K
± 1 %
10
Ω to 511 kΩ
E24; E96
± 0.5 %
10
Ω to 511 kΩ
E24; E192
Jumper;
Imax. = 3 A
≤ 10 mΩ
0
Ω
-
MMB 0207
± 100 ppm/K
± 5 %
0.1
Ω to 0.2 Ω
E24
± 2 %
0.1
Ω to 0.2 Ω
± 50 ppm/K
± 5 %
0.22
Ω to 0.91 Ω
± 2 %
0.22
Ω to 0.91 Ω
± 1 %
0.22
Ω to 0.91 Ω
± 1 %
1
Ω to 15 MΩ
E24; E96
± 25 ppm/K
± 0.5 %
10
Ω to 1 MΩ
E24; E192
Jumper;
Imax. = 5 A
≤ 10 mΩ
0
Ω
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com