Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMU01020C3JB2 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MMU01020C3JB2
Description  Professional Thin Film MELF Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU01020C3JB2 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MMU01020C3JB2 Datasheet HTML 5Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 6Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 7Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 8Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 9Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 10Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 11Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 12Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MMU 0102, MMA 0204, MMB 0207 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 20-Jan-2026
11
Document Number: 28713
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) The quoted IEC standards are also released as EN standards with the same number and identical contents
(2) Special requirements apply to MICRO-MELF, MMU 0102:
•
R < 100 Ω: ± (0.25 % R + 10 mΩ)
• 100
Ω ≤ R ≤ 221 kΩ: ± 0.1 % R
• 221 k
Ω < R: ± 0.25 % R
8.5
-
Electrostatic
discharge
(Human Body
Model)
IEC 61340-3-1 (1);
3 pos. + 3 neg. discharges
MMU 0102: 1.5 kV
MMA 0204: 2 kV
MMB 0207: 4 kV
± (0.5 %
R + 0.05 Ω)
11.1
58 (Td)
Solderability
Solder bath method;
SnPb40;
non-activated flux;
(215 ± 3) °C; (3 ± 0.3) s
Good tinning (
≥ 95 % covered); no visible damage
Solder bath method;
SnAg3Cu0.5 or SnAg3.5;
non-activated flux;
(235 ± 3) °C; (2 ± 0.2) s
Good tinning (
≥ 95 % covered); no visible damage
11.2
58 (Td)
Resistance
to soldering
heat
Solder bath method;
(260 ± 5) °C; (10 ± 1) s
± (0.05 %
R
+ 10 m
Ω)
± (0.1 %
R
+ 10 m
Ω)
± (0.25 %
R
+ 10 m
Ω)
± (0.25 %
R
+ 10 m
Ω)
Reflow method 2
(IR/forced gas convection);
(260 ± 5) °C; (10 ± 1) s
± (0.02 %
R
+ 10 m
Ω)
± (0.05 %
R
+ 10 m
Ω)
± (0.05 %
R
+ 10 m
Ω)
± (0.1 %
R
+ 10 m
Ω)
11.3
45 (XA)
Component
solvent
resistance
Isopropyl alcohol;
50 °C; method 2
No visible damage
Solvent
resistance
of marking
Isopropyl alcohol;
50 °C; method 1, toothbrush
Marking legible; no visible damage
9.7
21 (Ue3)
Shear
(adhesion)
45 N
No visible damage
9.8
21 (Ue1)
Substrate
bending
Depth 2 mm,
3 times
No visible damage, no open circuit in bent position
± (0.05 %
R + 5 mΩ) (2)
12.2
-
Voltage proof
URMS = Uins; 60 s
No flashover or breakdown
12.4
-
Flammability
IEC 60695-11-5 (1),
needle flame test; 10 s
No burning after 30 s
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
Stability for product types:
STABILITY
CLASS 0.25
OR BETTER
STABILITY
CLASS 0.5
OR BETTER
STABILITY
CLASS 1
OR BETTER
STABILITY
CLASS 2
OR BETTER
MMU 0102
10
Ω to 221 kΩ
1
Ω to < 10 Ω
< 1
Ω
> 221 k
Ω
MMA 0204
10
Ω to 332 kΩ
1
Ω to < 10 Ω
< 1
Ω
> 332 k
Ω
MMB 0207
10
Ω to 1 MΩ
1
Ω to < 10 Ω
< 1
Ω
> 1 M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com