| Electronic Components Datasheet Search |
|
TLE2061AIP Datasheet(PDF) 43 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2061AIP Datasheet(HTML) 43 Page - Texas Instruments |
|
43 / 78 page ![]() TLE206x, TLE206xA, TLE206xB EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE µPOWER OPERATIONAL AMPLIFIERS SLOS193B − FEBRUARY 1997 − REVISED MAY 2004 43 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2064M electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS TA† TLE2064M TLE2064AM TLE2064BM UNIT A MIN TYP MAX ICC Supply current (four amplifiers) 25 °C 1.25 1.4 mA ICC Supply current (four amplifiers) VO = 0, No load Full range 1.5 mA ∆ICC Supply-current change over operating VO = 0, No load Full range 194 µA ∆ICC Supply-current change over operating temperature range (four amplifiers) Full range 194 µA VO1/VO2 Crosstalk attenuation AVD = 1000, f = 1 kHz 25 °C 120 dB † Full range is − 55°C to 125°C. TLE2064M operating characteristics at specified free-air temperature, VCC± = ±15 V PARAMETER TEST CONDITIONS TA† TLE2064M TLE2064AM TLE2064BM UNIT PARAMETER TEST CONDITIONS TA MIN TYP MAX UNIT SR Slew rate at unity gain (see Figure 1) RL = 10 kΩ, CL = 100 pF 25 °C 2.6 3.4 V/ s SR Slew rate at unity gain (see Figure 1) RL = 10 kΩ, CL = 100 pF Full range 1.8 V/ µs Vn Equivalent input noise voltage (see Figure 2) f = 10 Hz, RS = 20 Ω 25 °C 70 nV/ √Hz Vn Equivalent input noise voltage (see Figure 2) f = 1 kHz , RS = 20 Ω 25 °C 40 nV/ √Hz VN(PP) Peak-to-peak equivalent input noise voltage f = 0.1 Hz to 10 Hz 25 °C 1.1 V VN(PP) Peak-to-peak equivalent input noise voltage f = 0.1 Hz to 10 Hz 25 °C 1.1 µV In Equivalent input noise current f = 1 kHz 25 °C 1.1 fA/ √Hz THD Total harmonic distortion A VD = 2, f = 10 kHz, 25 °C 0.025% THD Total harmonic distortion A VD = 2, VO(PP) = 2 V, f = 10 kHz, RL = 10 kΩ 25 °C 0.025% B1 Unity-gain bandwidth (see Figure 3) RL = 10 kΩ, CL = 100 pF 25 °C 2 MHz B1 Unity-gain bandwidth (see Figure 3) RL = 600 Ω, CL = 100 pF 25 °C 1.5 MHz ts Settling time ε = 0.1% 25 °C 5 s ts Settling time ε = 0.01% 25 °C 10 µs BOM Maximum output-swing bandwidth A VD = 1, RL = 10 kΩ 25 °C 40 kHz φm Phase margin at unity gain (see Figure 3) RL = 10 kΩ, CL = 100 pF 25 °C 60 ° φm Phase margin at unity gain (see Figure 3) RL = 600 Ω, CL = 100 pF 25 °C 70 ° † Full range is − 55°C to 125°C. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |