Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3310EQ-LF-Z Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP3310EQ-LF-Z
Description  47V, 1.3A, Step-up White LED Driver with True PWM Dimming
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3310EQ-LF-Z Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP3310EQ-LF-Z Datasheet HTML 3Page - Monolithic Power Systems MP3310EQ-LF-Z Datasheet HTML 4Page - Monolithic Power Systems MP3310EQ-LF-Z Datasheet HTML 5Page - Monolithic Power Systems MP3310EQ-LF-Z Datasheet HTML 6Page - Monolithic Power Systems MP3310EQ-LF-Z Datasheet HTML 7Page - Monolithic Power Systems MP3310EQ-LF-Z Datasheet HTML 8Page - Monolithic Power Systems MP3310EQ-LF-Z Datasheet HTML 9Page - Monolithic Power Systems MP3310EQ-LF-Z Datasheet HTML 10Page - Monolithic Power Systems MP3310EQ-LF-Z Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MP3310
– 47V, 1.3A, STEP-UP WHITE LED DRIVER WITH TRUE PWM DIMMING
MP3310 Rev. 1.1
www.MonolithicPower.com
9
8/10/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
VIN
4.5V~25V
MP3310
VCC
VIN
SW
3
9
6
EN/DIM
OVP
2
7
1
4
Enable/
Dimming Control
L1
22µH
D1
B160
C1
10µF/50V
C3
1µF/10V
C2
1µF/50V
R1
330k
Ω
R2
10k
Ω
R3
57.6k
Ω
LED
ISET
FSET
10
R4
NC
COMP
GND
5
8
C4
100nF
10 series, 4 paralleled
Figure 2
—Step-up White LED Driver Application for Driving 4 Strings of 10 WLEDs
VIN
4.5V~25V
MP3310
VCC
VIN
SW
3
9
6
EN/DIM
OVP
2
7
1
4
Enable/
Dimming Control
L1
22µH
D1
B160
C1
10µF/50V
C3
1µF/10V
C2
1µF/50V
R1
365k
Ω
R2
10k
Ω
R3
76.8k
Ω
LED
ISET
FSET
10
R4
NC
COMP
GND
5
8
C4
100nF
12 series, 3 paralleled
Figure 3
—Step-up White LED Driver Application for Driving 3 Strings of 12 WLEDs
VIN
4.5V~20V
MP3310
VCC
VIN
SW
3
9
6
EN/DIM
OVP
2
7
1
4
Enable/
Dimming Control
L1
22µH
D1
B0540
C1
10µF/50V
C3
1µF/10V
C2
1µF/50V
R1
249k
Ω
R2
10k
Ω
R3
76.8k
Ω
LED
ISET
FSET
10
R4
NC
COMP
GND
5
8
C4
100nF
7 series, 3 paralleled
Figure 4
—Step-up White LED Driver Application for Driving 3 Strings of 7 WLEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com