Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSPB40K-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CSPB40K-HF
Description  SuperPlanarTM Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSPB40K-HF Datasheet(HTML) 3 Page - Comchip Technology

  CSPB40K-HF Datasheet HTML 1Page - Comchip Technology CSPB40K-HF Datasheet HTML 2Page - Comchip Technology CSPB40K-HF Datasheet HTML 3Page - Comchip Technology CSPB40K-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TM
SuperPlanar
Bridge Rectifiers
Comchip Technology CO., LTD.
Page 3
QW-JBR13
Reel Taping Specification
T
C
P
A
d
W
P1
P0
B
E
F
REV:B
D1
D2
D
W1
Trailer
Device
Leader
200mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
SPB
B
C
d
D
D2
SYMBOL
(mm)
(inch)
16.00 ± 0.05
4.00 ± 0.05
2.00 ± 0.05
SYMBOL
(mm)
(inch)
0.630 ± 0.002
0.157 ± 0.002
0.079 ± 0.002
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
7.50 ± 0.05
0.295 ± 0.002
11.30 ± 0.10
0.445 ± 0.004
9.00 ± 0.10
0.354 ± 0.004
1.80 ± 0.10
0.071 ± 0.004
A
330.00 ± 1.00
3.937 ± 0.039
12.992 ± 0.039
13.30 ± 0.20
0.524 ± 0.008
16.00 ± 0.10
0.630 ± 0.004
1.50 ± 0.10
0.059 ± 0.004
0.30 ± 0.05
0.012 ± 0.002
100.00 ± 1.00
SPB
20.40 + 3.00
− 1.00
0.803 + 0.118
− 0.039



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com