Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBB0207 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MBB0207
Description  Professional leaded resistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBB0207 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MBB0207 Datasheet HTML 1Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 2Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 3Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 4Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 5Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 6Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 7Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2002 Oct 07
3
BCcomponents
Product specification
Professional leaded resistors
MBA 0204; MBB 0207;
MBE 0414
QUICK REFERENCE DATA
Note
1. 350 V for 1000 h.
DESCRIPTION
MBA 0204
MBB 0207
MBE 0414
CECC size
A
B
D
Resistance range
0,22
Ω to 10 MΩ
0,22
Ω to 22 MΩ
0,22
Ω to 22 MΩ
Resistance tolerance
±5%; ±1%; ±0,5%
Temperature coefficient
±50 ppm/K; ±25 ppm/K
Operation mode
long term
standard
long term
standard
long term
standard
Climatic category (LCT/UCT/days)
55/125/56
55/155/56
55/125/56
55/155/56
55/125/56
55/155/56
Rated dissipation, P70
0,25 W
0,4 W
0,4 W
0,6 W
0,65 W
1,0 W
Operating voltage, Umax AC/DC
200 V
300 V(1)
500 V
Film temperature
125
°C
155
°C
125
°C
155
°C
125
°C
155
°C
Max. resistance change at P70
for resistance range,
∆R/R max., after:
1
Ω to 332 kΩ
1
Ω to 1 MΩ
1
Ω to 2,4 MΩ
1000 h
≤ 0,25%
≤ 0,5%
≤ 0,25%
≤ 0,5%
≤ 0,2%
≤ 0,4%
8000 h
≤ 0,5%
≤ 1,0%
≤ 0,5%
≤ 1,0%
≤ 0,4%
≤ 0,8%
225000 h
≤ 1,5%
−≤ 1,5%
−≤ 1,2%
−
Specified lifetime
225000 h
8000 h
225000 h
8000 h
225000 h
8000 h
Permissible voltage against
ambient:
1 minute
300 V
500 V
800 V
continuous
75 V
75 V
75 V
Failure rate
≤ 0,7 × 10−9/h
≤ 0,3 × 10−9/h
≤ 0,1 × 10−9/h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com