Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G3208DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G3208DBVT
Description  SINGLE 3-INPUT POSITIVE OR-AND GATE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G3208DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G3208DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G3208DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G3208DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G3208DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G3208DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G3208DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G3208DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G3208DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G3208DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
3
2
4
6
1
A
C
Y
GND
B
DBV PACKAGE
(TOP VIEW)
YEP OR YZP PACKAGE
(BOTTOM VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
6
1
A
C
Y
GND
B
A
B
C
Y
GND
See mechanical drawings for dimensions.
1
4
2
3
6
VCC
VCC
5
VCC
5
5
DESCRIPTION/ORDERING INFORMATION
SN74LVC1G3208
SINGLE 3-INPUT POSITIVE OR-AND GATE
SCES605A – SEPTEMBER 2004 – REVISED JUNE 2005
•
Can Be Used in Three Combinations:
•
Available in the Texas Instruments
– OR-AND Gate
NanoStar™ and NanoFree™ Packages
– OR Gate
•
Supports 5-V VCC Operation
– AND Gate
•
Inputs Accept Voltages to 5.5 V
•
Ioff Supports Partial-Power-Down Mode
•
Max tpd of 5 ns at 3.3 V
Operation
•
Low Power Consumption, 10-
µA Max I
CC
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
±24-mA Output Drive at 3.3 V
•
ESD Protection Exceeds JESD 22
•
Input Hysteresis Allows Slow Input Transition
and Better Switching Noise Immunity at the
– 2000-V Human-Body Model (A114-A)
Input
– 200-V Machine Model (A115-A)
(Vhys = 250 mV Typ @ 3.3 V)
– 1000-V Charged-Device Model (C101)
This device is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G3208 is a single 3-input positive OR-AND gate. It performs the Boolean function Y = (A + B)
⋅ C
in positive logic.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar™ – WCSP (DSBGA)
SN74LVC1G3208YEPR
0.23-mm Large Bump – YEP
Reel of 3000
_ _ _ DD _
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
SN74LVC1G3208YZPR
(Pb-free)
–40
°C to 85°C
Reel of 3000
SN74LVC1G3208DBVR
SOT (SOT-23) – DBV
CDD_
Reel of 250
SN74LVC1G3208DBVT
Reel of 3000
SN74LVC1G3208DCKR
SOT (SC-70) – DCK
DD_
Reel of 250
SN74LVC1G3208DCKT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
⋅ = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G3208DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G3208DBVT TI-SN74LVC1G3208DBVT Datasheet
285Kb / 13P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208DBVT TI-SN74LVC1G3208DBVT Datasheet
607Kb / 16P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208DBVT TI2-SN74LVC1G3208DBVT Datasheet
717Kb / 23P
Single 3-Input Positive OR-AND Gate
REVISED DECEMBER 2013
SN74LVC1G3208DBVT.B TI2-SN74LVC1G3208DBVT.B Datasheet
717Kb / 23P
Single 3-Input Positive OR-AND Gate
REVISED DECEMBER 2013
More results

Similar Description - SN74LVC1G3208DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G332 TI-SN74LVC1G332 Datasheet
253Kb / 11P
SINGLE 3 INPUT POSITIVE OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208 Datasheet
285Kb / 13P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G0832 TI-SN74LVC1G0832 Datasheet
281Kb / 13P
SINGLE 3-INPUT POSITIVE AND-OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208_09 Datasheet
607Kb / 16P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G0832 TI1-SN74LVC1G0832_07 Datasheet
631Kb / 17P
SINGLE 3-INPUT POSITIVE AND-OR GATE
JANUARY2007
logo
Diodes Incorporated
74LVC1G11_1107 DIODES-74LVC1G11_1107 Datasheet
309Kb / 13P
SINGLE 3 INPUT POSITIVE AND GATE
Rev 3
logo
Texas Instruments
SN74LVC1G11-Q1 TI1-SN74LVC1G11-Q1 Datasheet
321Kb / 11P
SINGLE 3-INPUT POSITIVE-AND GATE
SN74LVC1G3208-Q1 TI1-SN74LVC1G3208-Q1 Datasheet
380Kb / 11P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G332 TI1-SN74LVC1G332_16 Datasheet
1Mb / 26P
Single 3-Input Positive-OR Gate
SN74LVC1G3208-EP TI1-SN74LVC1G3208-EP Datasheet
813Kb / 15P
SINGLE 3-INPUT POSITIVE OR-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com