Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS942IN Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS942IN
Description  Output rail-to-rail micropower operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS942IN Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS942IN Datasheet HTML 5Page - STMicroelectronics TS942IN Datasheet HTML 6Page - STMicroelectronics TS942IN Datasheet HTML 7Page - STMicroelectronics TS942IN Datasheet HTML 8Page - STMicroelectronics TS942IN Datasheet HTML 9Page - STMicroelectronics TS942IN Datasheet HTML 10Page - STMicroelectronics TS942IN Datasheet HTML 11Page - STMicroelectronics TS942IN Datasheet HTML 12Page - STMicroelectronics TS942IN Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TS941 TS942 TS944
Electrical characteristics
9/19
Figure 13.
Small signal transient response
Figure 14.
Gain and phase versus frequency
gp
0.0
0.5
1.0
1.5
2.0
Time (ms)
-100
0
100
200
300
Vcc = +-2.5V
Gain = -1
RL = 1M ohm
CL = 50 pF
qy
100
1,000
10,000
100,000
Frequency (Hz)
0
10
20
30
40
50
60
70
40
60
80
100
120
140
160
180
RL = 1M ohm
CL = 100 pF
Vcc = 3V & 5V
gain
phase
Figure 15.
Slew rate positive and negative vs.
temperature
Figure 16.
Large signal transient response
p
-80
-40
0
40
80
120
Temperature (°C)
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
Slew rate negative
Slew rate positive
Gain = +1
RL = 1M ohm
CL = 100pf
Vcc = 5V
a ge S ga
as e
espose
0.0
1.0
2.0
3.0
4.0
5.0
Time (ms)
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
Vcc = +-2.5V
Gain = -1
RL = 1M ohm
CL = 50 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com