Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT619-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # FMMT619-HF
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

FMMT619-HF Datasheet(HTML) 3 Page - Comchip Technology

  FMMT619-HF Datasheet HTML 1Page - Comchip Technology FMMT619-HF Datasheet HTML 2Page - Comchip Technology FMMT619-HF Datasheet HTML 3Page - Comchip Technology FMMT619-HF Datasheet HTML 4Page - Comchip Technology FMMT619-HF Datasheet HTML 5Page - Comchip Technology FMMT619-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rating and Characteristic Curves (FMMT619-HF)
General Purpose Transistor
Comchip Technology CO., LTD.
QW-JTR151
Page 3
REV:A
1
10
100
1000 2000
0
200
400
600
800
1000
1200
Collector Current, IC (mA)
Fig.2 - hFE ― IC
0
1
2
5
6
0
100
200
300
400
500
Collector-Emitter Voltage, VCE (V)
Fig.1 - Static Characteristic
Ta=100°C
Ta=25°C
VCE=2V
3
4
IB=0.05mA
0.1mA
0.15mA
0.2mA
0.25mA
0.3mA
0.35mA
0.4mA
0.45mA
0.5mA
Common
Emitter
Ta=25°C
1000
0
100
200
300
400
Collector Current, IC (mA)
Fig.4 - VCEsat ― IC
1
10
2000
0
200
400
600
800
1000
Fig.3 - VBEsat ― IC
100
1000
0.1
10
1
10
100
1000
Reverse Voltage, (V)
Fig.6 - Cob/Cib ― VCB/VEB
0
20
40
100
0
50
100
150
200
Fig.5 - fT ― IC
60
80
Collector Current, IC (mA)
ꞵ=40
Ta=100°C
Ta=25°C
VCE=10V
Ta=25°C
20
1
Cob
Cib
f=1MHz
IE=0/IC=0
Ta=25°C
1
2000
10
100
ꞵ=20
Ta=25°C
Ta=100°C
Collector Current, IC (mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com