Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27C160 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 27C160
Description  16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

27C160 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 27C160 Datasheet HTML 3Page - STMicroelectronics 27C160 Datasheet HTML 4Page - STMicroelectronics 27C160 Datasheet HTML 5Page - STMicroelectronics 27C160 Datasheet HTML 6Page - STMicroelectronics 27C160 Datasheet HTML 7Page - STMicroelectronics 27C160 Datasheet HTML 8Page - STMicroelectronics 27C160 Datasheet HTML 9Page - STMicroelectronics 27C160 Datasheet HTML 10Page - STMicroelectronics 27C160 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/19
M27C160
Table 9. Read Mode AC Characteristics (1)
(TA =0 to 70 °C or –40to85°C; VCC = 5V ± 5% or 5V ± 10%; VPP =VCC)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
3. Speed obtained with High Speed AC measurement conditions.
Symbol
Alt
Parameter
Test Condition
M27C160
Unit
-90
-100
-120/-150
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address Valid to
Output Valid
E =VIL,G =VIL
90
100
120
ns
tBHQV
tST
BYTE High to
Output Valid
E =VIL,G =VIL
90
100
120
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G =VIL
90
100
120
ns
tGLQV
tOE
Output Enable Low
to Output Valid
E =VIL
45
50
60
ns
tBLQZ
(2)
tSTD
BYTE Low to Output
Hi-Z
E =VIL,G =VIL
30
40
50
ns
tEHQZ
(2)
tDF
Chip Enable High to
Output Hi-Z
G =VIL
030040050
ns
tGHQZ
(2)
tDF
Output Enable High
to OutputHi-Z
E =VIL
030040050
ns
tAXQX
tOH
Address Transition
to Output Transition
E =VIL,G =VIL
555
ns
tBLQX
tOH
BYTE Low to
Output Transition
E =VIL,G =VIL
555
ns
Figure 7. Word-Wide Read Mode AC Waveforms
Note: BYTEVPP =VIH.
AI00741B
tAXQX
tEHQZ
A0-A19
E
G
Q0-Q15
tAVQV
tGHQZ
tGLQV
tELQV
VALID
Hi-Z
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com