Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE2420G Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # XE2420G
Description  Smallest World-Wide 2400 BPS Modem
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XE2420G Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button XE2420G Datasheet HTML 3Page - List of Unclassifed Manufacturers XE2420G Datasheet HTML 4Page - List of Unclassifed Manufacturers XE2420G Datasheet HTML 5Page - List of Unclassifed Manufacturers XE2420G Datasheet HTML 6Page - List of Unclassifed Manufacturers XE2420G Datasheet HTML 7Page - List of Unclassifed Manufacturers XE2420G Datasheet HTML 8Page - List of Unclassifed Manufacturers XE2420G Datasheet HTML 9Page - List of Unclassifed Manufacturers XE2420G Datasheet HTML 10Page - List of Unclassifed Manufacturers XE2420G Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
XECOM
(7)
XE2420G
XE2420G Typical Connection Diagram
Notes:
1 C1 and C2 are high-voltage capacitors which may be required for EMI filtering in your system. Without these
components you may experience unintended radiation when the telephone cable is attached to your system. We
recommend selecting components such as the Panasonic ECKDRS471. This 470 pfd, 3000 volt capacitor will
direct the high frequency harmonics to the system ground. These capacitors must be rated at a minimum of 1500
volts to maintain the isolation required by FCC Part 68 Rules.
2. If additional componants, such as ferrite beads, are connected in series with Tip and Ring to provide additional
EMA filtering, Xecom recommends adding surge protection in front of those compannats to protect them from
dmage due to lightning strikes. Xecom recommends the Teccor Sidactor to provide this type of suplemental
protection.
3. The XE2420G includes internal circuitry to protect the modem from damage due to lightning strikes. However,
any components placed on the Tip and Ring traces will not be protected. If you add any components between
the phone jack and modem module, a surge protector such as the Teccor P3100BA Sidactor should be placed
before these components to protect them from lightning damage.
Parts List for XE2420G Typical Connection Diagram
Reference
Designation
Qty
Description
C1,C2
2
Cap. 470 pfd 2600V, Panasonic ECKDRS471
F1
1
PTC, Raychem TR600-150
(1) /DCD
(2) /CTS
(3) /Reset
(4) /DSR
(5) /RTS
(6) /DTR
(7) /RXD
(8) /TXD
(9) /RI
(10) GND
(11) SPKR
(12) /INT
(13) N/C
(14) VCC
(15) N/C
RING (24)
N/C (23)
TIP (22)
N/C (21)
N/C (20)
NP (19)
NP (18)
NP (17)
NP (16)
RJ11
C1
C2
VCC
To Host Serial Port
F1
XE2420G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com