Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS4832 Datasheet(PDF) 2 Page - amphenol-sensors

Part # JS4832
Description  Cable Probe Temperature Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLADVANCEDSENSORS [amphenol-sensors]
Direct Link  https://www.amphenol-sensors.com/en/
Logo AMPHENOLADVANCEDSENSORS - amphenol-sensors

JS4832 Datasheet(HTML) 2 Page - amphenol-sensors

  JS4832 Datasheet HTML 1Page - amphenol-sensors JS4832 Datasheet HTML 2Page - amphenol-sensors JS4832 Datasheet HTML 3Page - amphenol-sensors JS4832 Datasheet HTML 4Page - amphenol-sensors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Housing
Cable
Grommet
Connector
On-pipe
Dry well
Part Number
Housing Material
Housing Dimensions
/mm
Resistance at
(T ref ) /W
B (25/85) / K
Cable description
Cable
length /mm
JS4710
Brass
5x30
12,000 (25)
950 (100) ±5%
3740 ±1%
PVC (single ins)
300
JS6234
Brass
5x30
12,000 (25)
950 (100) ±5%
3740 ±1%
PVC (single ins)
1500
JS6957
Brass
5x30
12,000 (25)
950 (100) ±5%
3740 ±1%
PVC (single ins)
135
JS8042
Brass
5x30
12,000 (25)
950 (100) ±5%
3740 ±1%
PVC (single ins)
300
JS4833
Brass
5x30
10,000 (25) ±1%
3977 ±0.75%
PVC (single ins)
1485
JS4832
Brass
5x30
10,000 (25) ±1%
3977 ±0.75%
PVC (single ins)
1235
JS5514
Brass
5x30
10,000 (25) ±3%
3977 ±0.75%
PVC (single ins)
840
JS5515
Brass
5x30
10,000 (25) ±3%
3977 ±0.75%
PVC (single ins)
840
JS4676
Aluminium
5.8x26
10,000 (25)
2,500 (60) ±3%
3960 ±1%
PVC (single ins)
300
JS3686
PVC Sleeve
-
10,000 (25)
2,500 (60) ±3%
3960 ±1%
PVC (single ins)
700
JS5446
Aluminium
5.8x26
10,000 (25)
2,500 (60) ±3%
3960 ±1%
PVC (single ins)
800
JS7231
Copper
6.5x32
10.000 (25) ±3%
3977±0.75%
PVC (Double ins)
1000 & 2000
Part Number
Connector system
Grommet
Series Resistor / W
Max Temp / ºC
V(ac) strength/
V (1mA)
IP Rating
JS4710
Molex 5559
Yes
No
105
750
IP66
JS6234
Molex 5559
Yes
No
105
750
IP66
JS6957
Molex 5559
Yes
No
105
750
IP66
JS8042
Molex 5559
No
No
105
750
IP66
JS4833
Polehousing
CTH1300/2
Yes
No
105
1500
IP66
JS4832
Polehousing
CTH1300/2
Yes
No
105
1500
IP66
JS5514
Polehousing
CTH1300/2
Yes
330
105
1500
IP66
JS5515
Polehousing
CTH1300/2
Yes
470
105
1500
IP66
JS4676
Molex 5559
No
No
105
750
IP66
JS3686
Molex 5559
No
No
105
750
IP66
JS5446
Molex 5559
No
No
105
750
IP66
JS7231
-
No
No
105
750
IP66
Product Design and Specifications
Product Applications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com