Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # SS8
Description  Straight Blade Devices Accessories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

SS8 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  SS8 Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A-46
Dimensions in Inches (mm)
www.hubbell-wiring .com
NP8
SS7
NP26I
HBL52CM22
HBL7423WO
HBL5206WO
Straight Blade Devices
Accessories
For 15 and 20 Ampere, 125 and 250 Volts and 277 Volts AC Devices
Single Receptacles
Duplex
Style Line®
with Face Dia.
Wallplates, 1-Gang
Receptacles
Receptacles
1.40 in. (35.6)
Description
Color
Catalog Number
Nylon, smooth .
Almond
NP8AL
NP26AL
NP7AL
Black
NP8BK
NP26BK
NP7BK
Brown
NP8
NP26
NP7
Gray
NP8GY
NP26GY
NP7GY
Ivory
NP8I
NP26I
NP7I
Light Almond
NP8LA
NP26LA
NP7LA
Office White
NP8OW
NP26OW
NP7OW
Orange
NP8OR
–
–
Red
NP8R
NP26R
NP7R
White
NP8W
NP26W
NP7W
Stainless steel 302/304, .035 in. (0.9)
SS8
SS26
SS7
horizontal brushed finish .
Brass .04 in. (1.0),
SB8
SB26
SB7
horizontal brushed finish .
Aluminum .05 in. (1.3),
SA8
–
SA7
horizontal brushed finish .
Single Receptacles
Duplex
with Face Dia.
Weatherproof Covers
Receptacles
1.40 in. (35.6)
Description
Catalog Number
Catalog Number
RTP, gray, for FS/FD box mounting .
HBL5221
HBL7423WO
RTP, yellow, for FS/FD box mounting .
HBL52CM21
HBL74CM23WO
RTP, gray, for device mounting .
HBL5222
–
RTP, yellow, for device mounting .
HBL52CM22
–
Cast aluminum for FS/FD box mounting .
HBL5206WO
HBL7420
Cast aluminum for device mounting .
HBL5205WO
–
Note: All weatherproof plates are UL Listed for Wet Locations.
Those with suffix WO are listed for use with cover open, all others with cover closed.
RTP is an abbreviation for reinforced thermoplastic polyester.
See Section K for more details on cover plates.


Similar Part No. - SS8

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
SS8-10 RICHCO-SS8-10 Datasheet
52Kb / 1P
ROUND SPACERS SEIRIES
SS8-10L RICHCO-SS8-10L Datasheet
52Kb / 1P
ROUND SPACERS SEIRIES
SS8-12 RICHCO-SS8-12 Datasheet
52Kb / 1P
ROUND SPACERS SEIRIES
SS8-12L RICHCO-SS8-12L Datasheet
52Kb / 1P
ROUND SPACERS SEIRIES
SS8-14 RICHCO-SS8-14 Datasheet
52Kb / 1P
ROUND SPACERS SEIRIES
More results

Similar Description - SS8

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1205752 PHOENIX-1205752 Datasheet
43Kb / 2P
Accessories for tools/automatic devices - CF 3000 BBE 0,5
1205765 PHOENIX-1205765 Datasheet
43Kb / 2P
Accessories for tools/automatic devices - CF 3000 BBE 0,75
1205778 PHOENIX-1205778 Datasheet
43Kb / 2P
Accessories for tools/automatic devices - CF 3000 BBE 1,0
1205781 PHOENIX-1205781 Datasheet
43Kb / 2P
Accessories for tools/automatic devices - CF 3000 BBE 1,5
1205794 PHOENIX-1205794 Datasheet
43Kb / 2P
Accessories for tools/automatic devices - CF 3000 BBE 2,5
1206052 PHOENIX-1206052 Datasheet
40Kb / 2P
Accessories for tools/automatic devices - ZAP TUBE
1207475 PHOENIX-1207475 Datasheet
43Kb / 2P
Accessories for tools/automatic devices - CF 3000 BBE-AME0,75
3202782 PHOENIX-3202782 Datasheet
40Kb / 2P
Accessories for tools/automatic devices - CF 3000 CRIMPSTEMPEL
logo
Weidmuller
9204260000 WEIDMULLER-9204260000 Datasheet
128Kb / 2P
Accessories, Spare cutting blade
September 28, 2021
logo
PHOENIX CONTACT
1209062 PHOENIX-1209062 Datasheet
54Kb / 2P
Accessories for tools/automatic devices - FUSE SB 2,5A
09/11/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com