Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR560D-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # MBR560D-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MBR560D-HF Datasheet(HTML) 3 Page - Comchip Technology

  MBR560D-HF Datasheet HTML 1Page - Comchip Technology MBR560D-HF Datasheet HTML 2Page - Comchip Technology MBR560D-HF Datasheet HTML 3Page - Comchip Technology MBR560D-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Comchip Technology CO., LTD.
Page 3
SMD Schottky Barrier Rectifiers
REV:A
Trailer
Device
Leader
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
400mm (min)
160mm (min)
SYMBOL
(mm)
(inch)
E
F
P
P0
P1
T
W
W1
TO-252
/DPAK
SYMBOL
(mm)
(inch)
A
B
C
d
D
D1
D2
6.90 ± 0.10
13.00 ± 0.20
10.50 ± 0.10
2.65 ± 0.10
1.55 ± 0.05
330 ± 1.00
0.272 ± 0.004
0.413 ± 0.004
0.104 ± 0.004
0.061 ± 0.002 12.992 ± 0.039
0.512 ± 0.008
0.069 ± 0.004
0.295 ± 0.004
0.315 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
0.012 ± 0.002
0.630 + 0.004
− 0.008
1.75 ± 0.10
7.50 ± 0.10
8.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.10
0.30 ± 0.05
16.00 + 0.10
− 0.20
16.80 ± 0.40
4.331 ± 0.079
110 ± 2.00
0.661 ± 0.016
TO-252
/DPAK
Reel Taping Specification
D
D1
D2
W1
E
F
P
P0
P1
T
W
A
B
C
d
QW-JB118



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com