Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP16116 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # PDSP16116
Description  ALU and Barrel Shifter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16116 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  PDSP16116 Datasheet HTML 1Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 2Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 3Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 4Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 5Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 8Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PDSP1601/PDSP1601A
1
The PDSP1601 is a high performance 16-bit arithmetic
logic unit with an independent on-chip 16-bit barrel shifter.
The PDSP1601A has two operating modes giving 20MHz or
10MHz register-to-register transfer rates.
The PDSP1601 supports Multicycle multiprecision
operation. This allows a single device to operate at 20MHz for
16-bit fields, 10MHz for 32-bit fields and 5MHz for 64-bit fields.
The PDSP1601 can also be cascaded to produce wider words
at the 20MHz rate using the Carry Out and Carry In pins. The
Barrel Shifter is also capable of extension, for example the
PDSP1601 can used to select a 16-bit field from a 32-bit input
in 100ns.
1
2
3
4
5
6
7
8
9
10
11
L
K
J
H
G
F
E
D
C
B
A
PIN 1A INDEX MARK
ON TOP SURFACE
AC84
LC84
APPLICATIONS
s
Digital Signal Processing
s
Array Processing
s
Graphics
s
Database Addressing
s
High Speed Arithmetic Processors
FEATURES
s
16-bit, 32 instruction 20MHz ALU
s
16-bit, 20MHz Logical, Arithmetic or Barrel Shifter
s
Independent ALU and Shifter Operation
s
4 x 16-bit On Chip Scratchpad Registers
s
Multiprecision Operation; e.g. 200ns 64-bit
Accumulate
s
Three Port Structure with Three Internal Feedback
Paths Eliminates I/O Bottlenecks
s
Block Floating Point Support
s
300mW Maximum Power Dissipation
s
84-pin Pin Grid Array or 84 Contact LCC Packages
or 100 pin Ceramic Quad Flat Pack
ASSOCIATED PRODUCTS
PDSP16112 Complex Multiplier
PDSP16116 16 x 16 Complex Multiplier
PDSP16318 Complex Accumulator
PDSP16330 Pythagoras Processor
Fig.1 Pin connections - bottom view
GG100
PDSP1601/PDSP1601A
ALU and Barrel Shifter
Supersedes version in December 1993 Digital Video & DSP IC Handbook, HB3923-1
DS3705 - 2.3 September 1996


Similar Part No. - PDSP16116

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
16 X 16 Bit Complex Multiplier
logo
Zarlink Semiconductor I...
PDSP16116 ZARLINK-PDSP16116 Datasheet
121Kb / 16P
ALU and Barrel Shifter
PDSP16116 ZARLINK-PDSP16116 Datasheet
149Kb / 18P
16 by 16 Bit Complex Multiplier
PDSP16116 ZARLINK-PDSP16116 Datasheet
91Kb / 7P
Complex Accumulator
PDSP16116 ZARLINK-PDSP16116 Datasheet
98Kb / 7P
Pythagoras Processor
More results

Similar Description - PDSP16116

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LSH32 LODEV-LSH32 Datasheet
202Kb / 9P
32-bit Cascadable Barrel Shifter
LSH33 LODEV-LSH33 Datasheet
218Kb / 8P
32-bit Barrel Shifter with Registers
logo
Mitel Networks Corporat...
PDSP1601 MITEL-PDSP1601 Datasheet
137Kb / 17P
ALU and Barrel Shifter
PDSP1601MC MITEL-PDSP1601MC Datasheet
142Kb / 18P
ALU and Barrel Shifter
logo
Zarlink Semiconductor I...
PDSP1601 ZARLINK-PDSP1601_98 Datasheet
121Kb / 16P
ALU and Barrel Shifter
PDSP1601MC ZARLINK-PDSP1601MC Datasheet
111Kb / 16P
ALU and Barrel Shifter
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036 Datasheet
309Kb / 18P
Automotive Contact Monitor and Level Shifter
Rev 0; 4/07
logo
HAMLIN Position and Mov...
59065-1-S-01-A HAMLIN-59065-1-S-01-A Datasheet
90Kb / 1P
Threaded Barrel Features and Benefits
logo
NXP Semiconductors
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
DVI and HDMI level shifter
Rev. 01-8 July 2008
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036_V01 Datasheet
1Mb / 17P
Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com