Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2062BCDR Datasheet(PDF) 54 Page - Texas Instruments

Part # TLE2062BCDR
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2062BCDR Datasheet(HTML) 54 Page - Texas Instruments

Back Button TLE2062BCDR Datasheet HTML 50Page - Texas Instruments TLE2062BCDR Datasheet HTML 51Page - Texas Instruments TLE2062BCDR Datasheet HTML 52Page - Texas Instruments TLE2062BCDR Datasheet HTML 53Page - Texas Instruments TLE2062BCDR Datasheet HTML 54Page - Texas Instruments TLE2062BCDR Datasheet HTML 55Page - Texas Instruments TLE2062BCDR Datasheet HTML 56Page - Texas Instruments TLE2062BCDR Datasheet HTML 57Page - Texas Instruments TLE2062BCDR Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 78 page
background image
TLE206x, TLE206xA, TLE206xB
EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS193B − FEBRUARY 1997 − REVISED MAY 2004
54
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 32
3
VOLTAGE-FOLLOWER
SMALL-SIGNAL
PULSE RESPONSE
100
50
0
−50
− 100
0
1
23
t − Time −
µs
VCC ± = ±15 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
See Figure 1
2.5
1.5
0.5
Figure 33
VOLTAGE-FOLLOWER
LARGE-SIGNAL
PULSE RESPONSE
0
5
10
15
t − Time −
µs
−2
−1
0
1
2
3
4
VCC ± = ±5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
See Figure 1
Figure 34
VOLTAGE-FOLLOWER
LARGE-SIGNAL
PULSE RESPONSE
t − Time −
µs
40
30
20
10
0
−15
−10
−5
0
5
10
15
VCC ± = ±15 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
See Figure 1
Figure 35
NOISE VOLTAGE
(REFERRED TO INPUT)
0.1 TO 10 Hz
t − Time −
µs
10
9
8
7
6
5
4
3
2
1
0
−1
− 0.5
0
0.5
1
TA = 25°C
VCC ± = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com