Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP150P03T Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP150P03T
Description  -30V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP150P03T Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP150P03T Datasheet HTML 1Page - A POWER MICROELECTRONICS AP150P03T Datasheet HTML 2Page - A POWER MICROELECTRONICS AP150P03T Datasheet HTML 3Page - A POWER MICROELECTRONICS AP150P03T Datasheet HTML 4Page - A POWER MICROELECTRONICS AP150P03T Datasheet HTML 5Page - A POWER MICROELECTRONICS AP150P03T Datasheet HTML 6Page - A POWER MICROELECTRONICS AP150P03T Datasheet HTML 7Page - A POWER MICROELECTRONICS AP150P03T Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP150P03P
-30V P-Channel Enhancement Mode MOSFET
AP150P03P/T RVE1.0
永源微電子科技有限公司
Description
The AP150P03P/T uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -30V ID =-150A
RDS(ON) <5.5mΩ @ VGS=-10V (Type:3.8mΩ)
Application
Lithium battery protection
Wireless impact
Mobile phone fast charging
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP150P03P
TO-220-3L
AP150P03P XXX YYYY
1000
AP150P03T
TO-263-3L
AP150P03T XXX YYYY
800
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Max.
Units
VDSS
Drain-Source Voltage
-30
V
VGSS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current TC = 25
℃
-150
A
ID@TC=100
℃
Continuous Drain Current TC = 100
℃
-85
A
IDM
Pulsed Drain Current note1
-460
A
EAS
Single Pulsed Avalanche Energy note2
225
mJ
PD
Power Dissipation TC = 25
℃
62.5
W
RθJC
Thermal Resistance, Junction to Case
1.46
℃/W
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
℃


Similar Part No. - AP150P03T

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP150P03D APME-AP150P03D Datasheet
734Kb / 7P
-30V P-Channel Enhancement Mode MOSFET
REV1.0
AP150P03NF APME-AP150P03NF Datasheet
1Mb / 7P
-30V P-Channel Enhancement Mode MOSFET
More results

Similar Description - AP150P03T

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com