Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP16350 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # PDSP16350
Description  Programmable FIR Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16350 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button PDSP16350 Datasheet HTML 9Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 10Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 11Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 12Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 13Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 14Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 15Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 16Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PDSP16256
13
Fig. 16 Three device auto EPROM load
When the filter length is less than the maximum, the
PDSP16256 will only transfer the correct number of coeffi-
cients, and one or more significant address bits will remain low.
Sufficient coefficients are always loaded to allow for a possible
Bank Swap to occur, and the EPROM allocation must allow for
this even if the feature is not to be used. Table 5 shows the
number of coefficients loaded for each of the modes.
If several devices are cascaded, only one device assumes
the role of the Master by having its EPROM pin grounded. It
produces a WEN signal for the other devices, plus four higher
order address outputs on C15:12, see Fig. 16. The extra
address bits on C15:12 define separate areas of EPROM,
containing coefficients for up to fifteen additional devices. The
least significant block of memory must always be allocated to
the Master device. The additional devices need not in practice
be all part of the same cascaded chain, but can consist of
several independent filters. They must, however, all have
their BYTE pins tied low. FRUN can still be used to start
these independent filters after all the devices have been
loaded. In this case, however, each slave FEN pin should be
driven by DFEN from the master device.
When one EPROM is supplying information for several
devices, some means of selectively enabling each additional
device must be provided. This is achieved by using the C11:8
pins on the slave devices as binary coded inputs to define one
to fifteen extra devices. These coded inputs always corre-
spond to the block address used for the segment of EPROM
allocated to that device. Code ‘all zeros’ must not be used since
the Master device has implied use of the bottom segment. This
is necessary since the C11:8 pins are alternatively used on the
Master device to define the number of devices supported by
the EPROM.
In addition to providing the most significant addresses to
the EPROM, the C15:12 address outputs from the master
device must also drive the C15:12 inputs on the slave devices.
These C15:12 inputs are internally compared to the C11:8
inputs to decide if that device is currently to be loaded. This
approach avoids the need for external decoders and makes
the CS input redundant. This input, however, must be tied low
on every device in an EPROM supported system.
The Control Coefficient pin (CCS) is used to define when
the control register is to be loaded. It becomes an output on the
Master device which provides an EPROM address bit next in
significance above A7:0, and also drives the CCS inputs on the
slave devices. This output is high for the first two EPROM
transfers in order to access the control information, and then
remains low whilst the coefficients are loaded. This control
information is thus not stored adjacent to the coefficients within
the EPROM, and in fact the EPROM must provide twice the
storage necessary to contain the coefficients alone. All but two
of the bytes in the additional half are redundant. See Fig.17 for
the EPROM memory map.
C11:8
CS
EPROM
BYTE
WEN
A7:0
CCS
C15:12
C7:0
0010
GND
GND
GND
(2 SLAVES)
MASTER
C11:8
CS
EPROM
BYTE
WEN
A7:0
CCS
C15:12
C7:0
0001
GND
VDD
GND
SLAVE 1
C11:8
CS
EPROM
BYTE
WEN
A7:0
CCS
C15:12
C7:0
0010
GND
VDD
GND
SLAVE 2
LSB
MSB
DATA
ADDRESS
EPROM
PDSP16256
PDSP16256
PDSP16256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com