Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD2HNK60Z Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD2HNK60Z
Description  N-channel 600V - 4.4Ω - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2HNK60Z Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD2HNK60Z Datasheet HTML 3Page - STMicroelectronics STD2HNK60Z Datasheet HTML 4Page - STMicroelectronics STD2HNK60Z Datasheet HTML 5Page - STMicroelectronics STD2HNK60Z Datasheet HTML 6Page - STMicroelectronics STD2HNK60Z Datasheet HTML 7Page - STMicroelectronics STD2HNK60Z Datasheet HTML 8Page - STMicroelectronics STD2HNK60Z Datasheet HTML 9Page - STMicroelectronics STD2HNK60Z Datasheet HTML 10Page - STMicroelectronics STD2HNK60Z Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STD2HNK60Z/-1 - STF2HNK60Z - STQ2HNK60ZR-AP
Electrical characteristics
7/16
Figure 7.
Output characterisics
Figure 8.
Transfer characteristics
Figure 9.
Normalized BVDSS vs temperature
Figure 10. Static drain-source on resistance
Figure 11. Gate charge vs gate-source voltage Figure 12. Capacitance variations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com