Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2062CPSR Datasheet(PDF) 51 Page - Texas Instruments

Part # TLE2062CPSR
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2062CPSR Datasheet(HTML) 51 Page - Texas Instruments

Back Button TLE2062CPSR Datasheet HTML 47Page - Texas Instruments TLE2062CPSR Datasheet HTML 48Page - Texas Instruments TLE2062CPSR Datasheet HTML 49Page - Texas Instruments TLE2062CPSR Datasheet HTML 50Page - Texas Instruments TLE2062CPSR Datasheet HTML 51Page - Texas Instruments TLE2062CPSR Datasheet HTML 52Page - Texas Instruments TLE2062CPSR Datasheet HTML 53Page - Texas Instruments TLE2062CPSR Datasheet HTML 54Page - Texas Instruments TLE2062CPSR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 78 page
background image
TLE206x, TLE206xA, TLE206xB
EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS193B − FEBRUARY 1997 − REVISED MAY 2004
51
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 20
SHORT-CIRCUIT OUTPUT CURRENT
vs
ELAPSED TIME
VID = 100 mV
VO = 0
TA = 25°C
VCC ± = ±15 V
VID = − 100 mV
60
50
40
30
20
10
0
t − Elapsed Time − s
−80
−60
−40
−20
0
20
40
60
80
Figure 21
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
VID = − 100 mV
VID = 100 mV
VO = 0
VCC ± = ±15 V
80
−80
−60
−40
−20
0
20
40
60
− 75
− 50
− 25
0
25
50
75
100
125
TA − Free-Air Temperature − °C
Figure 22
TA = 25°C
VCC
± = ±15 V
AVD = 10
f − Frequency − Hz
1 M
100 k
10 k
1 k
100
10
0.001
0.01
0.1
1
10
100
1000
AVD = 100
AVD = 1
TLE2061
OUTPUT IMPEDANCE
vs
FREQUENCY
Figure 23
35
30
25
20
15
10
5
TA = 25°C
VCC ± = ±15 V
AVD = 100
f − Frequency − Hz
1 M
100 k
10 k
1 k
100
0
AVD = 1
AVD = 10
10 M
TLE2062 AND TLE2064
OUTPUT IMPEDANCE
vs
FREQUENCY
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com