| Electronic Components Datasheet Search |
|
TLE2062IPE4 Datasheet(PDF) 42 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2062IPE4 Datasheet(HTML) 42 Page - Texas Instruments |
|
42 / 78 page ![]() TLE206x, TLE206xA, TLE206xB EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE µPOWER OPERATIONAL AMPLIFIERS SLOS193B − FEBRUARY 1997 − REVISED MAY 2004 42 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2064M electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLE2064M TLE2064AM TLE2064BM UNIT A MIN TYP MAX TLE2064M 25 °C 0.9 6 TLE2064M Full range 8 VIO Input offset voltage TLE2064AM 25 °C 0.9 4 mV VIO Input offset voltage TLE2064AM Full range 6 mV TLE2064BM 25 °C 0.7 2 TLE2064BM Full range 4 αVIO Temperature coefficient of input offset voltage VIC = 0, RS = 50 Ω 25 °C 6 µV/°C Input offset voltage long-term drift (see Note 4) VIC = 0, RS = 50 Full range 0.04 µV/mo IIO Input offset current 25 °C 2 pA IIO Input offset current Full range 20 nA IIB Input bias current 25 °C 4 pA IIB Input bias current Full range 40 nA VICR Common-mode input voltage range 25 °C −11 to 13 −12 to 16 V VICR Common-mode input voltage range Full range −11 to 13 V RL = 10 kΩ 25 °C 13 13.7 VOM + Maximum positive peak output voltage swing RL = 10 kΩ Full range 12.5 V VOM + Maximum positive peak output voltage swing RL = 600 Ω 25 °C 12.5 13.2 V RL = 600 Ω Full range 12 RL = 10 kΩ 25 °C −13 − 13.7 VOM − Maximum negative peak output voltage swing RL = 10 kΩ Full range − 12.5 V VOM − Maximum negative peak output voltage swing RL = 600 Ω 25 °C −13 −13 V RL = 600 Ω Full range − 12.5 VO = ± 10 V, RL = 10 kΩ 25 °C 30 230 VO = ± 10 V, RL = 10 kΩ Full range 20 A VD Large-signal differential voltage amplification VO = 0 to 8 V, RL = 600 Ω 25 °C 25 100 V/mV A VD Large-signal differential voltage amplification VO = 0 to 8 V, RL = 600 Ω Full range 7 V/mV VO = 0 to − 8 V, RL = 600 Ω 25 °C 3 25 VO = 0 to − 8 V, RL = 600 Ω Full range 1 ri Input resistance 25 °C 1012 Ω ci Input capacitance 25 °C 4 pF zo Open-loop output impedance IO = 0 25 °C 560 Ω CMRR Common-mode rejection ratio VIC = VICRmin, RS = 50 Ω 25 °C 72 90 dB CMRR Common-mode rejection ratio VIC = VICRmin, RS = 50 Ω Full range 65 dB kSVR Supply-voltage rejection ratio ( ∆VCC /∆VIO) VCC± = ±5 V to ±15 V, 25 °C 75 93 dB kSVR Supply-voltage rejection ratio ( ∆VCC± /∆VIO) VCC± = ±5 V to ±15 V, RS = 50 Ω Full range 65 dB † Full range is − 55°C to 125°C. NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |