Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3308 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3308
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3308 Datasheet(HTML) 2 Page - Texas Instruments

  TAS3308 Datasheet HTML 1Page - Texas Instruments TAS3308 Datasheet HTML 2Page - Texas Instruments TAS3308 Datasheet HTML 3Page - Texas Instruments TAS3308 Datasheet HTML 4Page - Texas Instruments TAS3308 Datasheet HTML 5Page - Texas Instruments TAS3308 Datasheet HTML 6Page - Texas Instruments TAS3308 Datasheet HTML 7Page - Texas Instruments TAS3308 Datasheet HTML 8Page - Texas Instruments TAS3308 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.ti.com
1
10
2
11
6
15
9
19
22
17
3
13
4
14
8
18
20
16
12
24
5
25
7
21
23
75
66
74
65
70
61
67
57
54
59
73
63
72
62
68
58
56
60
64
52
71
51
69
55
53
DVDD_PWM2
VALID/SYNC
PWM2_RD
DVDD2
DVSS_PWM3
MCLKOUT
PWM3_RI
SDOUT2/SPDIF_OUT
SDIN2
SCLKOUT
PWM2_RI
VREG_EN
PWM3_LD
RSVD
PWM3_RD
SDOUT1
SPDIF_IN
LRCLKOUT
DVSS2
LRCLKIN
PWM3_LI
SCLKIN
DVDD_PWM3
SDIN3
SDIN1
AVDD_LO
LINEIN9L
AVDD_REF
AVDD_LI3
LINEIN10R
LINEIN7R
LINEIN9R
LINEIN6L
LINEIN5L
AVSS_ADC/REF
V1P5_REF
LINEIN8L
BG_REF
AVDD_ADC
AVSS_LI3
LINEIN6R
AVSS_LI2
LINEIN7L
LINEIN8R
LINEIN4R
BIAS_REF
LINEIN4L
LINEIN10L
LINEIN5R
AVDD_LI2
DESCRIPTION/ORDERING INFORMATION
TAS3308
DIGITAL AUDIO PROCESSOR
WITH ANALOG INTERFACE
SLES215A – FEBRUARY 2008 – REVISED MARCH 2008
PZT PACKAGE
(TOP VIEW)
TAS3308 is an audio system-on-a-chip (SOC) designed for digital TV audio systems and mini/micro component
applications. It includes analog and digital audio interface. For analog input and output the TAS3308 has ten
multiplexed stereo inputs with one stereo ADC and three stereo PWM outputs. For digital input and output the
TAS3308 has three I2S inputs and two I2S outputs. One I2S output can also be configured to be S/PDIF encoded
PCM data.
TAS3308 has a programmable audio DSP that preserves high-quality audio by using a 48-bit data path, 28-bit
filter coefficients, and a single cycle 28
× 48-bit multiplier. The programmability feature allows users to customize
features in the DSP RAM.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tray
TAS3308PZT
0
°C to 70°C
TQFP – PZT
Tape and reel
TAS3308PZTR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS3308



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com