Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS722 Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # ACS722
Description  High Accuracy, Galvanically Isolated Current Sensor IC with Small Footprint SOIC8 Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS722 Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button ACS722 Datasheet HTML 15Page - Allegro MicroSystems ACS722 Datasheet HTML 16Page - Allegro MicroSystems ACS722 Datasheet HTML 17Page - Allegro MicroSystems ACS722 Datasheet HTML 18Page - Allegro MicroSystems ACS722 Datasheet HTML 19Page - Allegro MicroSystems ACS722 Datasheet HTML 20Page - Allegro MicroSystems ACS722 Datasheet HTML 21Page - Allegro MicroSystems ACS722 Datasheet HTML 22Page - Allegro MicroSystems ACS722 Datasheet HTML 23Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
High Accuracy, Galvanically Isolated Current Sensor IC
with Small Footprint SOIC8 Package
ACS722
21
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
DEFINITIONS OF DYNAMIC RESPONSE CHARACTERISTICS
Power-On Time (tPO)
When the supply is ramped to its operating voltage, the device
requires a finite time to power its internal components before
responding to an input magnetic field.
Power-On Time, tPO , is defined as the time it takes for the output
voltage to settle within ±10% of its steady state value under an
applied magnetic field, after the power supply has reached its
minimum specified operating voltage, VCC(min), as shown in the
chart at right.
Rise Time (tr)
The time interval between a) when the sensor IC reaches 10% of
its full scale value, and b) when it reaches 90% of its full scale
value. The rise time to a step response is used to derive the band-
width of the current sensor IC, in which ƒ(–3 dB) = 0.35/tr. Both
tr and tRESPONSE are detrimentally affected by eddy current losses
observed in the conductive IC ground plane.
Propagation Delay (tpd)
The propagation delay is measured as the time interval a) when
the primary current signal reaches 20% of its final value, and b)
when the device reaches 20% of its output corresponding to the
applied current.
Response Time (tRESPONSE)
The time interval between a) when the primary current signal
reaches 90% of its final value, and b) when the device reaches
90% of its output corresponding to the applied current.
VIOUT
V
t
VCC
VCC(min.)
90% VIOUT
0
t1= time at which power supply reaches
minimum specified operating voltage
t2= time at which output voltage settles
within ±10% of its steady state value
under an applied magnetic field
t1
t2
tPO
VCC(typ.)
Primary Current
VIOUT
90
0
(%)
Response Time, tRESPONSE
t
Primary Current
VIOUT
90
10
20
0
(%)
Propagation Delay, tpd
Rise Time, tr
t
Figure 6: Power-On Time (tPO)
Figure 7: Rise Time (tr) and Propagation Delay (tpd)
Figure 8: Response Time (tRESPONSE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com