Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10161663-002LF Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # 10161663-002LF
Description  Pre-Crimped Wire Leads Fast and cost-effective solution for prototyping
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

10161663-002LF Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  10161663-002LF Datasheet HTML 1Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Amphenol Information Communications and Commercial Products
www.amphenol-icc.com
FCI Basics offers a range of pre-crimped leads with a standard cable of 300mm length in
receptacle-to-receptacle configurations.
Product
Description
Wire Size
Plating
Crimped lead P/N
CTW terminal P/N
More info
Crimped lead with Tin
plated terminals
AWG22
Tin
10156402-002LF
10153126-4C2LF
Landing page
Presentation
Datasheet
Crimped lead with Tin
plated terminals
AWG26
Tin
10161198-N0030YYLF
10157551-0P10LF
Landing page
Presentation
Datasheet
Crimped lead with
Tin plated and Gold
plated terminals
AWG28
Tin
10164491-001LF
77138-T01LF
Landing page
Presentation
Datasheet
Gold
10164491-002LF
77138-101LF
AWG24
Tin
10164490-001LF
10044403-T01LF
Gold
10164490-002LF
10044403-101LF
Crimped lead with
Tin plated and Gold
plated terminals
AWG 20
Tin
10164492-K0030TLF
76347-412LF
Landing page
Presentation
Datasheet
Gold
10164492-K0030GLF
76347-312LF
AWG 24
Tin
10164492-M0030TLF
76347-401LF
10164492-M0030GLF
76347-301LF
Gold
Crimped lead with Tin
plated terminals
AWG 26-28
Tin
10162767-P0030YYLF
10141272-112LF
Landing page
Presentation
Datasheet
AWG 24
10162767-M0030YYLF
10141272-113LF
AWG 22
10162767-L0030YYLF
10141272-111LF
Crimped lead with Tin
plated terminals
AWG 22-26
Tin
10161663-001LF
47217-000LF
Landing page
Presentation
Datasheet
AWG 28-32
10161663-002LF
47213-000LF
WireLock® 1.80mm
Multipitch® 1.25/1.50mm
Minitek® 2.00mm
MicroSpace™ 1.27mm
Mini PV® 2.54mm
Dubox® 2.54mm
Pre-Crimped Wire Leads
Fast and cost-effective solution for prototyping
These are standard versions defined to support customer prototype activity, contact us for other configurations or for volume production.
Crimped lead with
Gold plated terminals
AWG 24
Gold
10164064-M0030YYLF
10162696-001LF
Landing page
Presentation
Datasheet
AWG 18
10164065-H0030YYLF
10162697-002LF
ComboLock®


Similar Part No. - 10161663-002LF

ManufacturerPart #DatasheetDescription
logo
Heyco.
10161 HEYCO-10161 Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Lapp.
10161000 LAPP-10161000 Datasheet
140Kb / 5P
3.2 EPIC® DA-VINCI H-B
logo
Weidmuller
1016140000 WEIDMULLER-1016140000 Datasheet
77Kb / 4P
BLF 5.00/09/180LR SN BK BX
1016150000 WEIDMULLER-1016150000 Datasheet
77Kb / 4P
BLF 5.00/09/180LR SN BK BX
1016170000 WEIDMULLER-1016170000 Datasheet
77Kb / 4P
BLF 5.00/09/180LR SN BK BX
More results

Similar Description - 10161663-002LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDR101A0500Z ETC1-EDR101A0500Z Datasheet
158Kb / 5P
Miniature,cost-effective switching solution
logo
California Micro Device...
CM9101 CALMIRCO-CM9101 Datasheet
501Kb / 12P
Compact Cost-effective Fast Charger
logo
Advantech Co., Ltd.
ARK-1310 ADVANTECH-ARK-1310 Datasheet
389Kb / 2P
Cost-effective, Entry-level Automation System Solution
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
High performance and cost-effective solution
logo
Molex Electronics Ltd.
0797580001 MOLEX11-0797580001 Datasheet
119Kb / 1P
PRE-CRIMPED LEADS AMERICAS DISTRIBUTION CHANNEL REV A
logo
Laird Tech Smart Techno...
ECE072 LSTD-ECE072 Datasheet
462Kb / 2P
Cost-effective solution
ECE118 LSTD-ECE118 Datasheet
1Mb / 1P
Cost-effective solution
logo
Diodes Incorporated
AP3304A DIODES-AP3304A Datasheet
413Kb / 2P
Highly Integrated, Cost-Effective, USB PD3.0 Charger Solution for Portable and Consumer Applications
logo
Molex Electronics Ltd.
797580001 MOLEX-797580001 Datasheet
118Kb / 1P
PRE-CRIMPED LEADS AMERICAS DISTRIBUTION CHANNEL REV : A
2010/01/12
PRE-CRIMPED MOLEX-PRE-CRIMPED Datasheet
539Kb / 3P
Pre-Crimped Leads
2019.09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com