Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJCOMMERCIALSERIES Datasheet(PDF) 13 Page - Vishay Siliconix

Part # VJCOMMERCIALSERIES
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJCOMMERCIALSERIES Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button VJCOMMERCIALSERIES Datasheet HTML 9Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 10Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 11Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 12Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 13Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 14Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 15Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 16Page - Vishay Siliconix VJCOMMERCIALSERIES Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
VJ Commercial Series
www.vishay.com
Vishay Vitramon
Revision: 12-Dec-2025
13
Document Number: 45199
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
X7R DIELECTRIC - TYPICAL PARAMETERS
10
100
1000
10000
-30
-25
-20
-15
-10
-5
0
5
10
15
-75 -50 -25 0
25 50 75 100 125 150 175
Temperature Coefficient of Capacitance
Temperature (°C)
10
100
1000
10000
10
100
1000
10 000
10
25
100
150
Insulation Resistance vs. Temperature
Temperature (°C)
10
100
1000
10000
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-75 -50 -25 0
25 50 75 100 125 150 175
Dissipation Factor vs. Temperature
Temperature (°C)
10
100
1000
10000
-4
-3
-2
-1
0
1
1
10
100
1000
10 000
Aging Rate
Hours
10
100
1000
10000
0
50
100
150
200
-75 -50 -25 0
25 50 75 100 125 150 175
Rated Voltage vs. Temperature
Temperature (°C)
10
100
1000
10000
-30
-25
-20
-15
-10
-5
0
5
0
102030405060708090 100
Voltage Coefficient of Capacitance
Applied DC Voltage (V
DC)
25 V rated
50 V rated
100 V rated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com