Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ30A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMAJ30A
Description  Surface-Mount TRANSZORB® Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMAJ30A Datasheet(HTML) 2 Page - Vishay Siliconix

  SMAJ30A Datasheet HTML 1Page - Vishay Siliconix SMAJ30A Datasheet HTML 2Page - Vishay Siliconix SMAJ30A Datasheet HTML 3Page - Vishay Siliconix SMAJ30A Datasheet HTML 4Page - Vishay Siliconix SMAJ30A Datasheet HTML 5Page - Vishay Siliconix SMAJ30A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMAJ5.0A thru SMAJ188CA
www.vishay.com
Vishay General Semiconductor
Revision: 09-Jan-2024
2
Document Number: 88390
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp
≤ 50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) For bidirectional types having VWM of 10 V and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANSI/IEEE C62.35
(5) For the bi-directional SMAJ5.0CA, the maximum VBR is 7.25 V
(6) VF = 3.5 V at IF = 25 A (unidirectional only)
(+) Underwriters Laboratory Recognition for the classification of protectors (QVGQ2) under the UL standard for safety 497B and file number
E136766 for both unidirectional and bidirectional device
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA) (3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A) (2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF VBR
(%/°C)
UNI
BI
MIN.
MAX.
(+)SMAJ5.0A (5)
AE
WE
6.40
7.07
10
5.0
800
43.5
9.2
0.057
(+)SMAJ6.0A
AG
WG
6.67
7.37
10
6.0
800
38.8
10.3
0.059
(+)SMAJ6.5A
AK
WK
7.22
7.98
10
6.5
500
35.7
11.2
0.061
(+)SMAJ7.0A
AM
WM
7.78
8.60
10
7.0
200
33.3
12.0
0.065
(+)SMAJ7.5A
AP
WP
8.33
9.21
1.0
7.5
100
31.0
12.9
0.067
(+)SMAJ8.0A
AR
WR
8.89
9.83
1.0
8.0
50
29.4
13.6
0.069
(+)SMAJ8.5A
AT
WT
9.44
10.4
1.0
8.5
10
27.8
14.4
0.073
(+)SMAJ9.0A
AV
WV
10.0
11.1
1.0
9.0
5.0
26.0
15.4
0.074
(+)SMAJ10A
AX
WX
11.1
12.3
1.0
10
1.0
23.5
17.0
0.078
(+)SMAJ11A
AZ
WZ
12.2
13.5
1.0
11
1.0
22.0
18.2
0.080
(+)SMAJ12A
BE
XE
13.3
14.7
1.0
12
1.0
20.1
19.9
0.083
(+)SMAJ13A
BG
XG
14.4
15.9
1.0
13
1.0
18.6
21.5
0.084
(+)SMAJ14A
BK
XK
15.6
17.2
1.0
14
1.0
17.2
23.2
0.087
(+)SMAJ15A
BM
XM
16.7
18.5
1.0
15
1.0
16.4
24.4
0.088
(+)SMAJ16A
BP
XP
17.8
19.7
1.0
16
1.0
15.4
26.0
0.089
(+)SMAJ17A
BR
XR
18.9
20.9
1.0
17
1.0
14.5
27.6
0.090
(+)SMAJ18A
BT
XT
20.0
22.1
1.0
18
1.0
13.7
29.2
0.092
(+)SMAJ20A
BV
XV
22.2
24.5
1.0
20
1.0
12.3
32.4
0.094
(+)SMAJ22A
BX
XX
24.4
26.9
1.0
22
1.0
11.3
35.5
0.096
(+)SMAJ24A
BZ
XZ
26.7
29.5
1.0
24
1.0
10.3
38.9
0.096
(+)SMAJ26A
CE
YE
28.9
31.9
1.0
26
1.0
9.5
42.1
0.097
(+)SMAJ28A
CG
YG
31.1
34.4
1.0
28
1.0
8.8
45.4
0.098
(+)SMAJ30A
CK
YK
33.3
36.8
1.0
30
1.0
8.3
48.4
0.099
(+)SMAJ33A
CM
YM
36.7
40.6
1.0
33
1.0
7.5
53.3
0.100
(+)SMAJ36A
CP
YP
40.0
44.2
1.0
36
1.0
6.9
58.1
0.100
(+)SMAJ40A
CR
YR
44.4
49.1
1.0
40
1.0
6.2
64.5
0.101
(+)SMAJ43A
CT
YT
47.8
52.8
1.0
43
1.0
5.8
69.4
0.102
(+)SMAJ45A
CV
YV
50.0
55.3
1.0
45
1.0
5.5
72.7
0.102
(+)SMAJ48A
CX
YX
53.3
58.9
1.0
48
1.0
5.2
77.4
0.103
(+)SMAJ51A
CZ
YZ
56.7
62.7
1.0
51
1.0
4.9
82.4
0.104
(+)SMAJ54A
RE
ZE
60.0
66.3
1.0
54
1.0
4.6
87.1
0.104
(+)SMAJ58A
RG
ZG
64.4
71.2
1.0
58
1.0
4.3
93.6
0.104
(+)SMAJ60A
RK
ZK
66.7
73.7
1.0
60
1.0
4.1
96.8
0.105
(+)SMAJ64A
RM
ZM
71.1
78.6
1.0
64
1.0
3.9
103
0.105
(+)SMAJ70A
RP
ZP
77.8
86.0
1.0
70
1.0
3.5
113
0.105
(+)SMAJ75A
RR
ZR
83.3
92.1
1.0
75
1.0
3.3
121
0.106
(+)SMAJ78A
RT
ZT
86.7
95.8
1.0
78
1.0
3.2
126
0.106
(+)SMAJ85A
RV
ZV
94.4
104
1.0
85
1.0
2.2
137
0.106
(+)SMAJ90A
RX
ZX
100
111
1.0
90
1.0
2.1
146
0.106
(+)SMAJ100A
RZ
ZZ
111
123
1.0
100
1.0
1.9
162
0.107
(+)SMAJ110A
SE
VE
122
135
1.0
110
1.0
1.7
177
0.107
(+)SMAJ120A
VG
VG
133
147
1.0
120
1.0
1.6
193
0.108
(+)SMAJ130A
VK
VK
144
159
1.0
130
1.0
1.4
209
0.108
(+)SMAJ150A
VM
VM
167
185
1.0
150
1.0
1.2
243
0.108
(+)SMAJ160A
SP
VP
178
197
1.0
160
1.0
1.2
259
0.108
(+)SMAJ170A
SR
VR
189
209
1.0
170
1.0
1.09
275
0.108
(+)SMAJ188A
SS
VS
209
231
1.0
188
1.0
0.91
328
0.108



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com