Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10TTS08STRL Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 10TTS08STRL
Description  Thyristor High Voltage Surface Mount Phase Control SCR, 10 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10TTS08STRL Datasheet(HTML) 5 Page - Vishay Siliconix

  10TTS08STRL Datasheet HTML 1Page - Vishay Siliconix 10TTS08STRL Datasheet HTML 2Page - Vishay Siliconix 10TTS08STRL Datasheet HTML 3Page - Vishay Siliconix 10TTS08STRL Datasheet HTML 4Page - Vishay Siliconix 10TTS08STRL Datasheet HTML 5Page - Vishay Siliconix 10TTS08STRL Datasheet HTML 6Page - Vishay Siliconix 10TTS08STRL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VS-10TTS08SPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 08-Jul-15
5
Document Number: 94562
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-10TTS08SPbF
50
1000
Antistatic plastic tubes
VS-10TTS08STRRPbF
800
800
13" diameter reel
VS-10TTS08STRLPbF
800
800
13" diameter reel
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95046
Part marking information
www.vishay.com/doc?95054
Packaging information
www.vishay.com/doc?95032
-
Tape and reel option:
1
-
Vishay Semiconductors product
2
-
Current rating, RMS value
3
-
Circuit configuration:
4
-
Package:
-
PbF = lead (Pb)-free
5
6
-
Voltage code x 100 = VRRM
T = single thyristor
-
Type of silicon:
T = TO-220AC
S = converter grade
9
7
-
S = TO-220 D2PAK (SMD-220) version
8
TRL = tape and reel (left oriented)
TRR = tape and reel (right oriented)
Device code
5
1
3
2
4
6
7
8
9
VS-
10
T
T
S
08
S
TRL PbF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com